Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2007 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TSC2007
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2007 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  TSC2007 Datasheet HTML 1Page - Burr-Brown (TI) TSC2007 Datasheet HTML 2Page - Burr-Brown (TI) TSC2007 Datasheet HTML 3Page - Burr-Brown (TI) TSC2007 Datasheet HTML 4Page - Burr-Brown (TI) TSC2007 Datasheet HTML 5Page - Burr-Brown (TI) TSC2007 Datasheet HTML 6Page - Burr-Brown (TI) TSC2007 Datasheet HTML 7Page - Burr-Brown (TI) TSC2007 Datasheet HTML 8Page - Burr-Brown (TI) TSC2007 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
www.ti.com
TSC2007
SBAS405 – MARCH 2007
ELECTRICAL CHARACTERISTICS (continued)
At T
A = –40°C to +85°C, VDD = +1.2V to +3.6V, unless otherwise noted.
TSC2007
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic family
CMOS
1.2V
≤ V
DD < 1.6V
0.7
× V
DD
VDD + 0.3
V
VIH
1.6V
≤ V
DD ≤ 3.6V
0.7
× V
DD
VDD + 0.3
V
1.2V
≤ V
DD < 1.6V
–0.3
0.2
× V
DD
V
VIL
1.6V
≤ V
DD ≤ 3.6V
–0.3
0.3
× V
DD
V
IIL
SCL and SDA pins
–1
1
µA
Logic level
CIN
SCL and SDA pins
10
pF
VOH
IOH = 2 TTL loads
VDD– 0.2
VDD
V
VOL
IOL = 2 TTL loads
0
0.2
V
ILEAK
Floating output
–1
1
µA
COUT
Floating output
10
pF
Data format
Straight Binary
POWER-SUPPLY REQUIREMENTS
Power-supply voltage
VDD
Specified performance
1.2
3.6
V
32.56k eq rate
128
190
µA
VDD = 1.2V
8.2k eq rate
32.24
µA
12-bit Fast mode
34.42k eq rate
165
240
µA
Quiescent supply current
(clock = 400kHz)
VDD = 1.8V
(VDD with sensor off)
8.2k eq rate
39.31
µA
PD[1:0] = 0,0
34.79k eq rate
226.2
335
µA
VDD = 2.7V
8.2k eq rate
53.32
µA
Power down supply current
Not addressed, SCL =SDA = 1
0
0.8
µA
4
Submit Documentation Feedback


Similar Part No. - TSC2007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2007 TI-TSC2007 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI1-TSC2007 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007I TI1-TSC2007I Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results

Similar Description - TSC2007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com