Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2005I Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TSC2005I
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2005I Datasheet(HTML) 5 Page - Burr-Brown (TI)

  TSC2005I Datasheet HTML 1Page - Burr-Brown (TI) TSC2005I Datasheet HTML 2Page - Burr-Brown (TI) TSC2005I Datasheet HTML 3Page - Burr-Brown (TI) TSC2005I Datasheet HTML 4Page - Burr-Brown (TI) TSC2005I Datasheet HTML 5Page - Burr-Brown (TI) TSC2005I Datasheet HTML 6Page - Burr-Brown (TI) TSC2005I Datasheet HTML 7Page - Burr-Brown (TI) TSC2005I Datasheet HTML 8Page - Burr-Brown (TI) TSC2005I Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
www.ti.com
PIN CONFIGURATION
Columns
(FRONT
VIEW)
A
C
E
B
D
F
SNSGND
NC
NC
NC
NC
DGND
4
Y
-
NC
NC
NC
I/OVDD
3
X
-
NC
NC
NC
AUX
2
SUBGND
X+
VREF
Y+
SNSVDD
AGND
1
CS
SCLK
PINTDAV
SDO
SDI
RESET
5
TSC2005
SBAS379A – DECEMBER 2006 – REVISED MAY 2007
YZL PACKAGE
WCSP-18
(TOP VIEW, SOLDER BUMPS ON BOTTOM SIDE)
PIN ASSIGNMENTS
PIN
NO.
NAME
I/O
A/D
DESCRIPTION
A1
RESET
I
D
System reset. All register values reset to default value.
A2
DGND
Digital ground
A3
I/OVDD
Digital I/O interface voltage
A4
AUX
I
A
Auxiliary channel input
A5
AGND
Analog ground
B1
PINTDAV
O
D
Interrupt output. Data available or PENIRQ depends on setting. Pin polarity with active low.
B2, B3,
B4, C2,
NC
No connection.
D2, E2,
E3, E4
B5
VREF
I
A
External reference input
C1
SDI
I
D
Serial data input. This input is the MOSI signal for the SPI interface protocol.
C3, C4,
NC
No connection. Sensitive area; avoid trace beneath. Some bumps on the WCSP may be depopulated.
D3, D4
C5
SNSVDD
Power supply for sensor drivers and other analog blocks.
D1
SCLK
I
D
Serial clock input
D5
X+
I
A
X+ channel input
E1
SDO
O
D
Serial data output. This output is the MISO for the SPI interface protocol.
E5
Y+
I
A
Y+ channel input
F1
CS
I
D
Chip select. This input is the slave select (SS) signal for the SPI interface protocol.
F2
SNSGND
Sensor driver return
F3
Y–
I
A
Y– channel input
F4
X–
I
A
X– channel input
F5
SUBGND
Substrate ground (for ESD current)
5
Submit Documentation Feedback


Similar Part No. - TSC2005I

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005I BURR-BROWN-TSC2005I Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005IYZLR BURR-BROWN-TSC2005IYZLR Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005IYZLT BURR-BROWN-TSC2005IYZLT Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
More results

Similar Description - TSC2005I

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com