Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9V3036D3S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # ISL9V3036D3S
Description  EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9V3036D3S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  ISL9V3036D3S Datasheet HTML 1Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 2Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 3Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 4Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 5Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 6Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 7Page - Fairchild Semiconductor ISL9V3036D3S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
October 2004
ISL9V3036D3S / ISL9V3036S3S / ISL9V3036P3 Rev. C3, October 2004
ISL9V3036D3S / ISL9V3036S3S / ISL9V3036P3
EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
General Description
The ISL9V3036D3S, ISL9V3036S3S, and ISL9V3036P3 are the
next generation IGBTs that offer outstanding SCIS capability in the
space saving D-Pak (TO-252), as well as the industry standard D²-
Pak (TO-263) and TO-220 plastic packages. These devices are
intended for use in automotive ignition circuits, specifically as a coil
drivers. Internal diodes provide voltage clamping without the need
for external components.
EcoSPARK™ devices can be custom made to specific clamp
voltages. Contact your nearest Fairchild sales office for more
information.
Formerly Developmental Type 49442
Applications
• Automotive Ignition Coil Driver Circuits
• Coil- On Plug Applications
Features
• Industry Standard D2-Pak package
• SCIS Energy = 300mJ at TJ = 25
oC
• Logic Level Gate Drive
Device Maximum Ratings T
J = 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
BVCER
Collector to Emitter Breakdown Voltage (IC = 1 mA)
360
V
BVECS
Emitter to Collector Voltage - Reverse Battery Condition (IC = 10 mA)
24
V
ESCIS25
TJ = 25°C, ISCIS = 14.2A, L = 3.0 mHy
300
mJ
ESCIS150
TJ = 150°C, ISCIS = 10.6A, L = 3.0 mHy
170
mJ
IC25
Collector Current Continuous, At TC = 25°C, See Fig 9
21
A
IC110
Collector Current Continuous, At TC = 110°C, See Fig 9
17
A
VGEM
Gate to Emitter Voltage Continuous
±10
V
PD
Power Dissipation Total TC = 25°C
150
W
Power Dissipation Derating TC > 25°C
1.0
W/°C
TJ
Operating Junction Temperature Range
-40 to 175
°C
TSTG
Storage Junction Temperature Range
-40 to 175
°C
TL
Max Lead Temp for Soldering (Leads at 1.6mm from Case for 10s)
300
°C
Tpkg
Max Lead Temp for Soldering (Package Body for 10s)
260
°C
ESD
Electrostatic Discharge Voltage at 100pF, 1500
4kV
Package
GATE
COLLECTOR
EMITTER
R2
R1
Symbol
JEDEC TO-252AA
COLLECTOR
(FLANGE)
D-Pak
D²-Pak
JEDEC TO-263AB
COLLECTOR
(FLANGE)
JEDEC TO-220AB
E
G
E
G
E
G
C


Similar Part No. - ISL9V3036D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
More results

Similar Description - ISL9V3036D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S Datasheet
206Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S_04 Datasheet
172Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD2736G3-F085 ONSEMI-FGD2736G3-F085 Datasheet
932Kb / 9P
   EcoSPARKTM 3 270mJ, 360V, N-Channel Ignition IGBT
August-2017, Rev. 2
FGD3050G2 ONSEMI-FGD3050G2 Datasheet
758Kb / 7P
   EcoSPARKTM 2 300mJ, 500V, N-Channel Ignition IGBT
May, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FGB3040CS FAIRCHILD-FGB3040CS_12 Datasheet
590Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
FGB3040CS FAIRCHILD-FGB3040CS Datasheet
428Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
FGB3236 FAIRCHILD-FGB3236 Datasheet
583Kb / 10P
   FGB3236_F085 / FGI3236_F085 EcoSPARKTM 320mJ, 360V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com