Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS12A4514DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TS12A4514DRG4
Description  LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS12A4514DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TS12A4514DRG4 Datasheet HTML 1Page - Texas Instruments TS12A4514DRG4 Datasheet HTML 2Page - Texas Instruments TS12A4514DRG4 Datasheet HTML 3Page - Texas Instruments TS12A4514DRG4 Datasheet HTML 4Page - Texas Instruments TS12A4514DRG4 Datasheet HTML 5Page - Texas Instruments TS12A4514DRG4 Datasheet HTML 6Page - Texas Instruments TS12A4514DRG4 Datasheet HTML 7Page - Texas Instruments TS12A4514DRG4 Datasheet HTML 8Page - Texas Instruments TS12A4514DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
TS12A4514
,, TS12A4515
LOW-VOLTAGE, LOW ON-STATE RESISTANCE
SPST CMOS ANALOG SWITCHES
SCDS193B – AUGUST 2006 – REVISED MARCH 2007
• 2-V to 12-V Single-Supply Operation
• Specified Low ON-Leakage Currents:
• Specified ON-State Resistance:
1 nA at 25
°C
15
Ω Max With 12-V Supply
10 nA at 85
°C
20
Ω Max With 5-V Supply
• Low Charge Injection: 11.5 pC (12-V Supply)
50
Ω Max With 3.3-V Supply
• Fast Switching Speed:
t
ON = 80 ns, tOFF = 50 ns (12-V Supply)
• Specified Low OFF-Leakage Currents:
• Break-Before-Make Operation (t
ON > tOFF)
1 nA at 25
°C
• TTL/CMOS-Logic Compatible With 5-V Supply
10 nA at 85
°C
The TS12A4514/TS12A4515 are single pole/single throw (SPST), low-voltage, single-supply CMOS analog
switches, with very low switch ON-state resistance. The TS12A4514 is normally open (NO). The TS12A4515 is
normally closed (NC).
These CMOS switches can operate continuously with a single supply between 2 V and 12 V. Each switch can
handle rail-to-rail analog signals. The OFF-leakage current maximum is only 1 nA at 25
°C or 10 nA at 85°C.
All digital inputs have 0.8-V to 2.4-V logic thresholds, ensuring TTL/CMOS-logic compatibility when using a 5-V
supply.
For pin-compatible parts for use with dual supplies, see the TS12A4516/TS12A4517.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – P
Reel of 1000
TS12A4514P
TS12A4514P
Reel of 1500
TS12A4514D
SOIC – D
YD514
Reel of 2500
TS12A4514DR
SOP (SOT-23) – DBV
Reel of 3000
TS12A4514DBVR
PREVIEW
–40
°C to 85°C
PDIP – P
Reel of 1000
TS12A4515P
TS12A4515P
Reel of 1500
TS12A4515D
SOIC – D
YD515
Reel of 2500
TS12A4515DR
SOP (SOT-23) – DBV
Reel of 3000
TS12A4515DBVR
PREVIEW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2006–2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS12A4514DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A4514 TI1-TS12A4514 Datasheet
717Kb / 19P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514_15 Datasheet
683Kb / 18P
[Old version datasheet]   SPST CMOS ANALOG SWITCHES
More results

Similar Description - TS12A4514DRG4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4514 MAXIM-MAX4514_V01 Datasheet
396Kb / 8P
    Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
2005
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com