Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBFJ176 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # MMBFJ176
Description  P-Channel Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBFJ176 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button MMBFJ176 Datasheet HTML 4Page - Fairchild Semiconductor MMBFJ176 Datasheet HTML 5Page - Fairchild Semiconductor MMBFJ176 Datasheet HTML 6Page - Fairchild Semiconductor MMBFJ176 Datasheet HTML 7Page - Fairchild Semiconductor MMBFJ176 Datasheet HTML 8Page - Fairchild Semiconductor MMBFJ176 Datasheet HTML 9Page - Fairchild Semiconductor MMBFJ176 Datasheet HTML 10Page - Fairchild Semiconductor MMBFJ176 Datasheet HTML 11Page - Fairchild Semiconductor MMBFJ176 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SOT-23
(8mm)
3.15
+/-0.10
2.77
+/-0.10
8.0
+/-0.3
1.55
+/-0.05
1.125
+/-0.125
1.75
+/-0.10
6.25
min
3.50
+/-0.05
4.0
+/-0.1
4.0
+/-0.1
1.30
+/-0.10
0.228
+/-0.013
5.2
+/-0.3
0.06
+/-0.02
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
8mm
7" Dia
7.00
177.8
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
2.165
55
0.331 +0.059/-0.000
8.4 +1.5/0
0.567
14.4
0.311 – 0.429
7.9 – 10.9
8mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
4.00
100
0.331 +0.059/-0.000
8.4 +1.5/0
0.567
14.4
0.311 – 0.429
7.9 – 10.9
See detail AA
Dim A
max
13" Diameter Option
7" Diameter Option
Dim A
Max
See detail AA
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
SOT-23 Embossed Carrier Tape
Configuration: Figure 3.0
SOT-23 Reel Configuration: Figure 4.0
P1
A0
D1
F
W
E1
E2
Tc
Wc
K0
T
B0
D0
P0
P2
SOT-23 Tape and Reel Data, continued
September 1999, Rev. C


Similar Part No. - MMBFJ176

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBFJ176 FAIRCHILD-MMBFJ176 Datasheet
58Kb / 5P
   P-Channel Switch
MMBFJ176 FAIRCHILD-MMBFJ176 Datasheet
610Kb / 9P
   J174 / J175 / J176 / J177 MMBFJ175 / MMBFJ176 / MMBFJ177 P-Channel Switch
logo
ON Semiconductor
MMBFJ176 ONSEMI-MMBFJ176 Datasheet
341Kb / 8P
   P-Channel Switch
October-2017, Rev. 2
More results

Similar Description - MMBFJ176

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J270 FAIRCHILD-J270 Datasheet
27Kb / 3P
   P-Channel Switch
P1087 FAIRCHILD-P1087 Datasheet
26Kb / 3P
   P-Channel Switch
P1086 FAIRCHILD-P1086 Datasheet
26Kb / 3P
   P-Channel Switch
logo
Pan Jit International I...
MMBFJ270 PANJIT-MMBFJ270 Datasheet
198Kb / 5P
   P-CHANNEL SWITCH
logo
Fairchild Semiconductor
MMBFJ270 FAIRCHILD-MMBFJ270 Datasheet
46Kb / 3P
   P-Channel Switch
MMBFJ271 FAIRCHILD-MMBFJ271 Datasheet
193Kb / 3P
   P-Channel Switch
J271 FAIRCHILD-J271 Datasheet
27Kb / 3P
   P-Channel Switch
J174 FAIRCHILD-J174 Datasheet
58Kb / 5P
   P-Channel Switch
logo
ON Semiconductor
J175 ONSEMI-J175 Datasheet
341Kb / 8P
   P-Channel Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
MMBFJ270 FAIRCHILD-MMBFJ270_08 Datasheet
408Kb / 5P
   P-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com