Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR-B420L Datasheet(PDF) 3 Page - LEM

Part # APR-B420L
Description  AC Current transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

APR-B420L Datasheet(HTML) 3 Page - LEM

  APR-B420L Datasheet HTML 1Page - LEM APR-B420L Datasheet HTML 2Page - LEM APR-B420L Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions AP(R)-B420L (unit : mm, 1mm = 0.0394 inch)
Connections
• Wires up to ∅ 2 mm
• Female connector provided (spring terminal blocks)
• User-friendly spring-cage connection for no-tool direct
conductor connection
Mechanical characteristics
• General tolerance
± 1 mm
• Primary aperture
∅ 18.5 mm
• Panel mounting
2 holes
∅ 4.0 mm
• Distance between holes
40.0 mm
For panel mounting, replace M4 screws by new one (not
supplied) with appropriate length to panel´s thickness.
Load Resistance v s. Supply Voltage
0
5
10
15
20
25
30
0
50
100
150
200
250
300
350
400
Load Resistance
Front View
Bottom View
Left View
Axis of aperture
Plug-in connector included : XW4B-03C1-H1 (OMRON)
(distance between screws)
55
40
20
Range Selection Switch
67
37
25
16.40
18.50
Ip
Is
OUT
+24VDC
GND
Ip
Is
OUT
+24VDC
GND
Load
(+)
2(-)
(-)
1(+)
3none
Output
Range Switch
4-20mA
24 VDC Power
(Controller,
Meter, etc,)
AP/APR
Connector
Front
070125/4
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 3/3


Similar Part No. - APR-B420L

ManufacturerPart #DatasheetDescription
logo
LEM
APR-B420L LEM-APR-B420L Datasheet
57Kb / 2P
   AC Current transducer APR-B420L
More results

Similar Description - APR-B420L

ManufacturerPart #DatasheetDescription
logo
LEM
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
   AC Current transducer
AK-B420L LEM-AK-B420L Datasheet
236Kb / 2P
   AC Current transducer
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
   AC Current transducer
AK-C- LEM-AK-C- Datasheet
92Kb / 2P
   AC Current transducer
AK-B- LEM-AK-B- Datasheet
202Kb / 2P
   AC Current transducer
AK-C420L LEM-AK-C420L Datasheet
149Kb / 2P
   AC Current transducer
APR-B10 LEM-APR-B10_08 Datasheet
1Mb / 4P
   AC Current transducer
AT-B5 LEM-AT-B5 Datasheet
765Kb / 3P
   AC Current transducer
AT-B420L LEM-AT-B420L Datasheet
646Kb / 3P
   AC Current transducer
APR-B10 LEM-APR-B10_1 Datasheet
70Kb / 2P
   AC Current transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com