Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF3761-CIRHARG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TRF3761-CIRHARG4
Description  INTEGER-N PLL WITH INTEGRATED VCO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3761-CIRHARG4 Datasheet(HTML) 4 Page - Texas Instruments

  TRF3761-CIRHARG4 Datasheet HTML 1Page - Texas Instruments TRF3761-CIRHARG4 Datasheet HTML 2Page - Texas Instruments TRF3761-CIRHARG4 Datasheet HTML 3Page - Texas Instruments TRF3761-CIRHARG4 Datasheet HTML 4Page - Texas Instruments TRF3761-CIRHARG4 Datasheet HTML 5Page - Texas Instruments TRF3761-CIRHARG4 Datasheet HTML 6Page - Texas Instruments TRF3761-CIRHARG4 Datasheet HTML 7Page - Texas Instruments TRF3761-CIRHARG4 Datasheet HTML 8Page - Texas Instruments TRF3761-CIRHARG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
www.ti.com
GND
AVDD_BIAS
RBIAS1
GND
VCTRL_IN
AVDD_VCO
AVDD_BUF
AVDD_CAPARRAY
GND
AVDD
PD_OUTBUF
CHIP_EN
CLOCK
DATA
STROBE
DGND
DGND
DVDD1
AVDD_PRES
GND
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
38
39
40
37
36
35
34
33
32
31
13
12
11
14
15
16
17
18
19
20
TRF3761
SLWS181F – OCTOBER 2005 – REVISED JANUARY 2007
RHA PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL(1)
I/O
DESCRIPTION
NAME
NO.
Once configured in register 1, this pin will control the output buffer. Logic level 0
PD_OUTBUF
1
I
turns on the buffer and logic level 1 turns off the buffer.
This pin requires 4.5 to 5.25v applied for normal operation. Grounding this pin will
CHIP_EN
2
I
disable the chip.
CLOCK
3
I
Serial-programming-interface clock
Serial-programming-interface data, used for programming the frequency and other
DATA
4
I/O
features.
STROBE
5
I
Serial-programming-interface strobe required to write the data to the chip
DGND
6, 7
Digital ground
Digital power supply, requires 4.5 to 5.25 V, Suggested decoupling, 0.1uF and
DVDD1
8
10pF capacitors in parallel.
Power supply for prescaler circuit, requires 4.5 to 5.25 V, Suggested decoupling,
AVDD_PRES
9
0.1uF and 10pF capacitors in parallel.
VCO output, can be used single ended matched to 50 ohms or in conjuction with
VCO_OUTP
13
O
VCO_OUTM (pin 14) with a balun.
VCO output, can be used single ended matched to 50 ohms or in conjunction with
VCO_OUTM
14
O
VCO_OUTP (pin 13) with a balun.
Power supply for output buffers, requires 4.5 to 5.25 V, Suggested decoupling,
AVDD_OUTBUF
15
0.1uF and 10pF capacitors in parallel.
Power supply for VCO buffers, requires 4.5 to 5.25 V, Suggested decoupling,
AVDD_VCOBUF
17
0.1uF and 10pF capacitors in parallel.
External VCO input to prescaler, If using an external VCO instead of the internal
EXT_VCO_IN
18
I
VCO.
External bias resistor for setting the internal reference current requires a 4.75K
RBIAS2
19
I/O
ohm resister to ground.
(1)
Power Supply=Vcc=(DVDD1, AVDD1, AVDD_PRES, AVDD_VCOBUF, AVDD, AVDD_CAPARRAY, AVDD_BUF, AVDD_VCO,
AVDD_BIAS, AVDD_CP, AVDD_REF, DVDD2)
4
Submit Documentation Feedback


Similar Part No. - TRF3761-CIRHARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761-C TI1-TRF3761-C Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results

Similar Description - TRF3761-CIRHARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3765 TI1-TRF3765 Datasheet
1Mb / 51P
[Old version datasheet]   Integer-N/Fractional-N PLL with Integrated VCO
logo
Skyworks Solutions Inc.
SKY73208-11 SKYWORKS-SKY73208-11 Datasheet
1Mb / 17P
   350-5000 MHz Wideband Receive Mixer with Integrated Integer-N PLL and VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com