Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF3761-DIRHARG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TRF3761-DIRHARG4
Description  INTEGER-N PLL WITH INTEGRATED VCO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3761-DIRHARG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF3761-DIRHARG4 Datasheet HTML 2Page - Texas Instruments TRF3761-DIRHARG4 Datasheet HTML 3Page - Texas Instruments TRF3761-DIRHARG4 Datasheet HTML 4Page - Texas Instruments TRF3761-DIRHARG4 Datasheet HTML 5Page - Texas Instruments TRF3761-DIRHARG4 Datasheet HTML 6Page - Texas Instruments TRF3761-DIRHARG4 Datasheet HTML 7Page - Texas Instruments TRF3761-DIRHARG4 Datasheet HTML 8Page - Texas Instruments TRF3761-DIRHARG4 Datasheet HTML 9Page - Texas Instruments TRF3761-DIRHARG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
TRF3761
SLWS181F – OCTOBER 2005 – REVISED JANUARY 2007
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Power supply voltage
4.5
5
5.25
V
Power supply voltage ripple
940
µV
pp
TA
Operating free air temperature range
–40
85
°C
TJ
Operating virtual junction temperature range
–40
150
°C
Supply voltage = V
CC = 4.5V to 5.25V, TA = –40 to 85 °C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Parameters
Divide by 1 output
130
mA
ICC
Total supply current
TA = 25°C
Divide by 2 output
140
mA
Divide by 4 output
150
mA
Reference Oscillator Parameters
fref
Reference frequency
10
104
MHz
Reference input sensitivity (REF_IN)
0.2
2.5
Vpp
Parallel capacitance
5
6.52
pF
Reference input impedance (REF_IN)
Parallel resistance
3913
PFD Charge Pump
PFD frequency
30
MHz
Charge pump current (ICP_OUT )
SPI programmable
5.6
mA
Digital Interface (PD_OUTBUF, CHIP_EN, CLOCK, DATA, STROBE)
VIH
High-level input voltage
2.5
VCC
V
VIL
Low-level input voltage
0
0.8
V
VOH
High-level output voltage
0.8VCC
V
VOL
Low-level output voltage
0.2VCC
V
Output Power
Single ended
0
dBm
Differential
3
dBm
Supply voltage = V
CC = 4.5V to 5.25V, TA = –40 to 85 °C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(CLK)
Clock period
50
ns
tsu1
Setup time, data
10
ns
th
Hold time, data
10
ns
tw
Pulse width, STROBE
20
ns
tsu2
Setup time, STROBE
10
ns
6
Submit Documentation Feedback


Similar Part No. - TRF3761-DIRHARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761-D TI1-TRF3761-D Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results

Similar Description - TRF3761-DIRHARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3765 TI1-TRF3765 Datasheet
1Mb / 51P
[Old version datasheet]   Integer-N/Fractional-N PLL with Integrated VCO
logo
Skyworks Solutions Inc.
SKY73208-11 SKYWORKS-SKY73208-11 Datasheet
1Mb / 17P
   350-5000 MHz Wideband Receive Mixer with Integrated Integer-N PLL and VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com