Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA78RM33RTM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA78RM33RTM
Description  Low Dropout Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78RM33RTM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA78RM33RTM Datasheet HTML 1Page - Fairchild Semiconductor KA78RM33RTM Datasheet HTML 2Page - Fairchild Semiconductor KA78RM33RTM Datasheet HTML 3Page - Fairchild Semiconductor KA78RM33RTM Datasheet HTML 4Page - Fairchild Semiconductor KA78RM33RTM Datasheet HTML 5Page - Fairchild Semiconductor KA78RM33RTM Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
February 2006
KA78RM33 Rev. 1.0.4
PACKAGE DIMENSIONS
KA78RM33
Low Dropout Voltage Regulator
Features
0.5A/3.3V Output Low Dropout Voltage Regulator
Low Dropout Voltage (Max. 0.6V)
Over Current Protection, Thermal Shutdown
SOA Protection, Short Circuit Protection
Description
The KA78RM33 is a low-dropout voltage regulator suit-
able for various electronic equipments. It provides con-
stant voltage power source with surface mount type
package (D-PAK). The dropout voltage of KA78RM33 is
below 0.6V in full rated current(0.5A). This regulator has
various functions such as an over current protection, a
thermal shut down and the SOA (Safe operating Area)
protection.
Internal Block Diagram
Packages
1
VIN
3 VOUT
GND
Q1
R2
Current
Generator
Thermal
Shutdown
Protection
Short Circuit
Protection
SOA
Protection
Bandgap
Reference
Error
Amp.
Output
Drive
R1
2
D-PAK
TO-220
1
123
2
3
1. VIN
2. GND
3. VOUT


Similar Part No. - KA78RM33RTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78RM33 FAIRCHILD-KA78RM33 Datasheet
36Kb / 6P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
KA78RM33 TOSHIBA-KA78RM33 Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
Fairchild Semiconductor
KA78RM33D FAIRCHILD-KA78RM33D Datasheet
36Kb / 6P
   Low Dropout Voltage Regulator
More results

Similar Description - KA78RM33RTM

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com