Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8K Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KBU8K
Description  Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KBU8K Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KBU8K Datasheet HTML 1Page - Fairchild Semiconductor KBU8K Datasheet HTML 2Page - Fairchild Semiconductor KBU8K Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBU8A-KBU8M, Rev. C
2001 Fairchild Semiconductor Corporation
KBU8A - KBU8M
Bridge Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Features
High surge current capability.
Reliable construction technique.
Ideal for printed circuit board.
Symbol
Parameter
Device
Units
V
F
Forward Voltage, per bridge @ 8.0 A
1.0
V
IR
Reverse Current, total bridge @ rated V
R
T
A = 25°C
T
A = 100°C
10
500
µA
µA
Symbol
Parameter
Value
Units
P
D
Power Dissipation
6.9
W
RθJA
Thermal Resistance, Junction to Ambient,* per leg
18
°C/W
RθJL
Thermal Resistance, Junction to Lead,* per leg
3.0
°C/W
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
KBU
+
~ ~
-
Symbol
Parameter
Value
Units
8A
8B
8D
8G
8J
8K
8M
V
RRM
Maximum Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
V
RMS
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
VR
DC Reverse Voltage
(Rated VR)
50
100
200
400
600
800
1000
V
IF(AV)
Average Rectified Forward Current, @ TA = 50°C
8.0
A
IFSM
Non-repetitive Peak Forward Surge Current
300
A
T
stg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
Thermal Characteristics
*Device mounted on PCB with 0.375 " (9.5 mm) lead length and 0.5 x 0.5" (13 x 13 mm) copper pads.


Similar Part No. - KBU8K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU8K PANJIT-KBU8K Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Galaxy Semi-Conductor H...
KBU8K BILIN-KBU8K Datasheet
145Kb / 3P
   Silicon Bridge Rectifiers
logo
Vishay Siliconix
KBU8K VISHAY-KBU8K Datasheet
100Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
America Semiconductor, ...
KBU8K AMERICASEMI-KBU8K Datasheet
593Kb / 2P
   BRIDGE RECTIFIERS
logo
Semtech Corporation
KBU8K SEMTECH-KBU8K Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
More results

Similar Description - KBU8K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com