Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX5504EH-AZ Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX5504EH-AZ
Description  1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX5504EH-AZ Datasheet(HTML) 4 Page - California Eastern Labs

  NX5504EH-AZ Datasheet HTML 1Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 2Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 3Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 4Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 5Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 6Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 7Page - California Eastern Labs NX5504EH-AZ Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NX5504 Series
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Optical Output Power
Po
10
mW
Forward Current of LD
IF
150
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
Assembly Temperature
Tasb
150 (15 Hr)
°C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°C
Relative Humidity (noncondensing)
RH
85
%
Data Sheet PL10435EJ04V0DS
4


Similar Part No. - NX5504EH-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5504EH-AZ CEL-NX5504EH-AZ Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
More results

Similar Description - NX5504EH-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5522 CEL-NX5522 Datasheet
185Kb / 7P
   1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5521 CEL-NX5521 Datasheet
182Kb / 7P
   1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5521 RENESAS-NX5521 Datasheet
192Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5522 RENESAS-NX5522 Datasheet
201Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5323EH CEL-NX5323EH Datasheet
173Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5317 CEL-NX5317 Datasheet
338Kb / 9P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5315EH CEL-NX5315EH_06 Datasheet
283Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5313 RENESAS-NX5313 Datasheet
220Kb / 9P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5323EH NEC-NX5323EH Datasheet
89Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com