Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX6301GJ Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX6301GJ
Description  1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX6301GJ Datasheet(HTML) 4 Page - California Eastern Labs

  NX6301GJ Datasheet HTML 1Page - California Eastern Labs NX6301GJ Datasheet HTML 2Page - California Eastern Labs NX6301GJ Datasheet HTML 3Page - California Eastern Labs NX6301GJ Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OUTLINE DIMENSIONS (Units in mm)
BOTTOM VIEW
PIN CONNECTIONS
NX6301SH
NX6301SI
NX6301SJ
NX6301SK
NX6301S SERIES
NX6301G SERIES
BOTTOM VIEW
PIN CONNECTIONS
NX6301GK
NX6301GI
NX6301GJ
NX6301GH
*n = 1.48 Bolosilicate Glass
1
2
3
4
ø5.6
+0.00
-0.03
ø4.3±0.1
ø3.75±0.05
ø0.45
(four places)
ø2.0
0.3
+0.1
-0.0
0.3
+0.1
-0.0
1.0±0.1
110°±2°
Focal Point
1 (CASE)
1 (CASE)
1 (CASE)
1 (CASE)
2
3
4
PD
LD
2
3
4
PD
LD
2
3
4
PD
LD
2
3
4
PD
LD
P.C.D.
1 (CASE)
1 (CASE)
1 (CASE)
1 (CASE)
2
3
4
PD
LD
2
3
4
PD
LD
2
3
4
PD
LD
2
3
4
PD
LD
1
2
3
4
ø3.55±0.05
1.0±0.1
ø5.6
+0.00
-0.03
ø4.2±0.1
0.3
+0.1
-0.0
0.3
+0.1
-0.0
ø1.0 MIN
ø1.6±0.1
1.2±0.1
1.27±0.1
LD CHIP
REFERENCE
PLANE
ø0.45
(4 places)
ø2.0
P.C.D.
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL
for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
02/19/2003
NX6301 SERIES
PART NUMBER
PACKAGE
NX6301SH
4-pin CAN with flat glass cap
NX6301SI
NX6301SJ
NX6301SK
NX6301GH
4-pin with aspherical lens cap
NX6301GI
NX6301GJ
NX6301GK
ORDERING INFORMATION


Similar Part No. - NX6301GJ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6306 CEL-NX6306 Datasheet
388Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
logo
Renesas Technology Corp
NX6306 RENESAS-NX6306 Datasheet
272Kb / 11P
   LASER DIODE
2004
logo
California Eastern Labs
NX63067H CEL-NX63067H Datasheet
401Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
NX63067K CEL-NX63067K Datasheet
401Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
NX6306GH CEL-NX6306GH Datasheet
388Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
More results

Similar Description - NX6301GJ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6306 CEL-NX6306 Datasheet
388Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX7301BA-CC CEL-NX7301BA-CC Datasheet
105Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX5310 CEL-NX5310 Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
   NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
NX6506 CEL-NX6506 Datasheet
353Kb / 5P
   NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
   1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
NX7312UA CEL-NX7312UA Datasheet
187Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com