Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7462LE-CC Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX7462LE-CC
Description  1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (120 mW MIN)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7462LE-CC Datasheet(HTML) 2 Page - California Eastern Labs

  NX7462LE-CC Datasheet HTML 1Page - California Eastern Labs NX7462LE-CC Datasheet HTML 2Page - California Eastern Labs NX7462LE-CC Datasheet HTML 3Page - California Eastern Labs NX7462LE-CC Datasheet HTML 4Page - California Eastern Labs NX7462LE-CC Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NX7462LE-CC
PACKAGE DIMENSIONS (Units in mm)
OPTICAL FIBER CHARACTERISTICS
PARAMETER
SPECIFICATION
UNIT
Mode Field Diameter
9.5±1
μm
Cladding Diameter
125±2
μm
Maximum Cladding Noncircularity
2
%
Maximum Core/Cladding Concentricity
1.6
%
Outer Diameter
0.9±0.1
mm
Cut-off Wavelength
1100 to 1270
nm
Minimum Fiber Bending Radius
30
mm
Fiber Length
1000 MIN.
mm
Flammability
UL1581 VW-1
Shrunk Tube
Optical Fiber (SMF)
Length: 1 000 MIN.
With SC Connector
TOP VIEW
Case
PD
LD
#7
#8
#1
#14
PIN CONNECTIONS
Function
Cooler Anode
Thermistor
PD Anode
PD Cathode
Case Ground
NC
NC
Pin No.
1
2
3
4
5
6
7
Function
NC
NC
LD Anode,
Case Ground
LD Cathode
NC
Case Ground
Cooler Cathod
Pin No.
8
9
10
11
12
13
14
29.97±0.25
26.04±0.13
15.24
20.83±0.13
7
8
1
14
2.54
0.5
4– 2.67
φ
35±2 mm
SC-UPC Connector
Fiber Length: 1000 mm MIN.


Similar Part No. - NX7462LE-CC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7462LE-CC RENESAS-NX7462LE-CC Datasheet
238Kb / 10P
   LASER DIODE
2004
More results

Similar Description - NX7462LE-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7461LE-CC CEL-NX7461LE-CC Datasheet
187Kb / 5P
   1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (150 mW MIN)
NX7527BF-AA CEL-NX7527BF-AA Datasheet
184Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (120 mW MIN)
NX7661JB-BC CEL-NX7661JB-BC Datasheet
179Kb / 4P
   NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (120 mW MIN)
NX7361JB-BC CEL-NX7361JB-BC Datasheet
180Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSD LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (150 mW MIN)
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
logo
California Eastern Labs
NX7528BF-AA CEL-NX7528BF-AA Datasheet
185Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (60 mW MIN)
NX7327BF-AA CEL-NX7327BF-AA Datasheet
184Kb / 4P
   NECs 1310 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (110 mW MIN)
logo
Renesas Technology Corp
NX7437 RENESAS-NX7437_15 Datasheet
179Kb / 11P
   LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com