Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFL48L1920 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MGFL48L1920
Description  1.9-2.0GHz BAND 60W GaAs FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFL48L1920 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MGFL48L1920 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFL48L1920 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFL48L1920 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGFL48L1920 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGFL48L1920 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - MGFL48L1920

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFL48V1920 MITSUBISHI-MGFL48V1920 Datasheet
324Kb / 6P
   1.9-2.0GHz BAND 60W GaAs FET
MGFL48V1920 MITSUBISHI-MGFL48V1920 Datasheet
321Kb / 5P
   1.9-2.0 GHz BAND / 60W
MGFL48V1920 MITSUBISHI-MGFL48V1920_11 Datasheet
321Kb / 5P
   1.9-2.0 GHz BAND / 60W
More results

Similar Description - MGFL48L1920

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFL48V1920 MITSUBISHI-MGFL48V1920 Datasheet
324Kb / 6P
   1.9-2.0GHz BAND 60W GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A Datasheet
50Kb / 1P
   1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFL45V1920 MITSUBISHI-MGFL45V1920 Datasheet
301Kb / 3P
   1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A_04 Datasheet
251Kb / 3P
   1.9 - 2.0GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFL48V1920 MITSUBISHI-MGFL48V1920_11 Datasheet
321Kb / 5P
   1.9-2.0 GHz BAND / 60W
MGFS48V2527 MITSUBISHI-MGFS48V2527_04 Datasheet
443Kb / 6P
   2.5 - 2.7GHz BAND 60W GaAs FET
MGFS48V2527 MITSUBISHI-MGFS48V2527 Datasheet
302Kb / 5P
   2.5 - 2.7GHz BAND 60W GaAs FET
MGFS48B2122 MITSUBISHI-MGFS48B2122 Datasheet
228Kb / 2P
   2.11 - 2.17 GHz BAND 60W GaAs FET
logo
Hexawave, Inc
HWL34YRA HW-HWL34YRA Datasheet
94Kb / 4P
   L-Band GaAs Power FET
logo
Eudyna Devices Inc
FLC257MH-6 EUDYNA-FLC257MH-6 Datasheet
92Kb / 4P
   C-Band Power GaAs FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com