Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX7537BF-AA-AZ Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX7537BF-AA-AZ
Description  1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7537BF-AA-AZ Datasheet(HTML) 1 Page - California Eastern Labs

  NX7537BF-AA-AZ Datasheet HTML 1Page - California Eastern Labs NX7537BF-AA-AZ Datasheet HTML 2Page - California Eastern Labs NX7537BF-AA-AZ Datasheet HTML 3Page - California Eastern Labs NX7537BF-AA-AZ Datasheet HTML 4Page - California Eastern Labs NX7537BF-AA-AZ Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
LASER DIODE
NX7537BF-AA
1 550 nm InGaAsP MQW-FP LASER DIODE
COAXIAL MODULE FOR OTDR APPLICATION
Document No. GBB-SA-1696
Date Published December 2005 CP(K)
DESCRIPTION
The NX7527BF-AA is a 1 550 nm Multiple Quantum Well (MQW) structured Fabry-Perot (FP) laser diode coaxial
module with single mode fiber. This module is specified to operate under pulsed condition and designed for light
source of Optical Time Domain Reflectometer (OTDR).
FEATURES
• High output power
Pf = 120 mW MIN. @ IFP = 1 000 mA
*1
• Long wavelength
λC = 1 550 nm
*1 Pulse Conditions: Pulse width (PW) = 10
µs, Duty = 1%
PACKAGE DIMENSIONS (UNIT: mm)
Optical Fiber
SMF
Length: 1 m
φ 0.9
φ 7
φ 6
12.7
17.0
φ 0.45
P.C.D. = 2
φ
CASE
2
1
PIN CONNECTIONS
LD
4
3
2
1
The information in this document is subject to change without notice. Before using this document, please confirm
that this is the latest version.


Similar Part No. - NX7537BF-AA-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA_15 Datasheet
168Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results

Similar Description - NX7537BF-AA-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7539BB-AA CEL-NX7539BB-AA Datasheet
869Kb / 5P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX7538BF-AA CEL-NX7538BF-AA Datasheet
881Kb / 5P
   1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7537BF-AA RENESAS-NX7537BF-AA_15 Datasheet
168Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA RENESAS-NX7539BB-AA_15 Datasheet
166Kb / 8P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7538BF-AA RENESAS-NX7538BF-AA Datasheet
186Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA RENESAS-NX7539BB-AA Datasheet
173Kb / 8P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7538BF-AA RENESAS-NX7538BF-AA_15 Datasheet
167Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7639BB-AA RENESAS-NX7639BB-AA_15 Datasheet
201Kb / 8P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7639BB-AA RENESAS-NX7639BB-AA Datasheet
201Kb / 8P
   1 625 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com