Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC1008YBU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KSC1008YBU
Description  NPN Epitacial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC1008YBU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KSC1008YBU Datasheet HTML 1Page - Fairchild Semiconductor KSC1008YBU Datasheet HTML 2Page - Fairchild Semiconductor KSC1008YBU Datasheet HTML 3Page - Fairchild Semiconductor KSC1008YBU Datasheet HTML 4Page - Fairchild Semiconductor KSC1008YBU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
KSC1008 Rev. B
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
160
180
200
IB = 1.8mA
IB = 1.6mA
IB = 1.4mA
IB = 1.2mA
IB = 1.0mA
IB = 0.8mA
IB = 0.6mA
IB = 0.4mA
IB = 0.2mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
0
20
40
60
80
100
120
140
160
180
200
220
240
VCE = 2V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
0.01
0.1
1
10
VBE(sat)
VCE(sat)
IC=10IB
IC[mA], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1000
VCE=2V
VBE[V], BASE-EMITTER VOLTAGE
1
10
100
1
10
100
f=1MHz
IE=0
VCB[V], COLLECTOR-BASE VOLTAGE


Similar Part No. - KSC1008YBU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC1008Y FAIRCHILD-KSC1008Y Datasheet
39Kb / 4P
   Low Frequency Amplifier Medium Speed Switching
More results

Similar Description - KSC1008YBU

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MMBTA42LT1 TGS-MMBTA42LT1 Datasheet
34Kb / 3P
   NPN EPITACIAL PLANAR TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMBTA42 HSMC-HMBTA42 Datasheet
39Kb / 4P
   NPN EPITACIAL PLANAR TRANSISTOR
logo
Tiger Electronic Co.,Lt...
MPSA42 TGS-MPSA42 Datasheet
86Kb / 3P
   NPN EPITACIAL PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com