Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAS500-S Datasheet(PDF) 1 Page - LEM

Part # HAS500-S
Description  Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAS500-S Datasheet(HTML) 1 Page - LEM

  HAS500-S Datasheet HTML 1Page - LEM HAS500-S Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current,
Type
RoHS since
current rms
measuring range 5)
date code
I
PN (A)
I
PM (A)
50
± 150
HAS 50-S
45217
100
± 300
HAS 100-S
45325
200
± 600
HAS 200-S
45166
300
± 900
HAS 300-S
45326
400
± 900
HAS 400-S
45333
500
± 900
HAS 500-S
45201
600
± 900
HAS 600-S
45260
V
C
Supply voltage (± 5 %) 5)
± 15
V
I
C
Current consumption
± 15
mA
Î
P
Overload capability
30,000
At
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
3
kV
V
b
Rated isolation voltage rms, safe separation
5001)
V
R
IS
Isolation resistance @ 500 VDC
> 1000
M
V
OUT
Output voltage (Analog)@ ± I
PN, RL = 10 kΩ, TA = 25°C
± 4V ± 40
mV
R
OUT
Output internal resistance
approx. 100
R
L
Load resistance 6)
> 1
k
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
< ± 1
%
ε
L
Linearity error 2) (0 .. ± I
PN)
< ± 1
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
< ± 20
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 1 x I
PN
< ± 20
mV
TCV
OE
Temperature coefficient of V
OE
HAS 50-S
< ± 2
mV/K
HAS 100..600-S
< ± 1
mV/K
TCV
OUT
Temperature coefficient of V
OUT (% of reading)
< ± 0.1
%/K
t
r
Response time to 90% of I
P step
< 3
µs
di/dt
di/dt accurately followed
> 50
A/
µs
BW
Frequency bandwidth (- 3 dB) 3)
DC .. 50
kHz
General data
T
A
Ambient operating temperature
- 10 .. + 80
°C
T
S
Ambient storage temperature
- 25 .. + 80
°C
m
Mass
approx. 60
g
Standards 4)
EN 50178: 1997
Current Transducer HAS 50 .. 600-S
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
= 50 .. 600 A
V
OUT =
± 4 V
Notes : 1) Pollution class 2, overvoltage category III.
2) Linearity data exclude the electrical offset.
3) Please refer to derating curves in the technical file to avoid excessive
core heating at high frequency.
4) Please consult characterisation report for more technical details and
application advice.
5) Operating at ±12V
≤ Vc < ±15V will reduce the measuring range.
6) If the customer uses 1k
Ω of the load resistor, the primary current has to
be limited as the nominal.
Features
Hall effect measuring principle
Galvanic isolation between primary
and secondary circuit
Isolation voltage 3000 V~
Low power consumption
Extended measuring range (3 x I
PN)
Insulated plastic case made of
polycarbonate PBT recognized
according to UL 94-V0
Advantages
Easy mounting
Small size and space saving
Only one design for wide current
ratings range
High immunity to external
interference.
Applications
AC variable speed drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications.
Application Domain
Industrial
061019/7
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/2


Similar Part No. - HAS500-S

ManufacturerPart #DatasheetDescription
logo
LEM
HAS500-S LEM-HAS500-S Datasheet
48Kb / 2P
   Current Transducers HAS 50 to 600-S
HAS500-S LEM-HAS500-S Datasheet
217Kb / 3P
   Current Transducer
More results

Similar Description - HAS500-S

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com