Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAZ14000-SRU Datasheet(PDF) 1 Page - LEM

Part # HAZ14000-SRU
Description  Current Transducers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAZ14000-SRU Datasheet(HTML) 1 Page - LEM

  HAZ14000-SRU Datasheet HTML 1Page - LEM HAZ14000-SRU Datasheet HTML 2Page - LEM HAZ14000-SRU Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electrical data
Primary nominal
Primary current
Type
r.m.s. current
measuring range
I
PN (A)
I
P (A)
4000
± 4000
HAZ 4000-SRU
6000
± 6000
HAZ 6000-SRU
10000
± 10000
HAZ 10000-SRU
12000
± 12000
HAZ 12000-SRU
14000
± 14000
HAZ 14000-SRU
20000
± 20000
HAZ 20000-SRU
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
± 30
mA
I
OC
Overload capacity
30,000
A
R
IS
Isolation resistance @ 500 VDC
> 1000
M
V
OUT
Output voltage @ ± I
PN, RL = 10 kΩ, TA = 25°C
0-10
V DC
R
OUT
Output internal resistance
approx. 100
R
L
Load resistance
> 10
k
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
< ± 1
%
ε
L
Linearity error 1) (0 .. ± I
PN)
< ± 0.5 % of I
PN
V
OE
Electrical offset voltage, T
A = 25°C, @ IP = 0
< ± 100
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 1 x I
PN
< ± 12.5
mV
V
OT
Thermal drift of V
OE
< ± 1
mV/K
TC
ε
G
Thermal drift of the gain (% of reading)
< ± 0.05
%/K
t
r
Response time @ 90% of I
PN
< 400
ms
f
Frequency range, ±3 dB, small signal 2)
DC and 15 to 3kHz
General data
T
A
Ambient operating temperature
- 25 .. + 85
°C
T
S
Ambient storage temperature
- 30 .. + 90
°C
Housing PBT 30% glassfiber
UL94 classification
V0
m
Mass
approx. 6
kg
Standards 3)
EN 50178:1997
Current Transducers HAZ 4000..20000-SRU
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
= 4000..20000 A
V
OUT = 0-10 V
(T-RMS DC)
Features
Hall effect measuring principle
Galvanic isolation between primary
and secondary circuit
True-rms, 0-10V DC voltage output
Isolation voltage 12kV Rms/ 50 Hz
/ 1 min
Low power consumption
Package in PBT meeting UL 94-V0
Advantages
Easy mounting
Small size and space savings
Only one design for wide current
ratings range
High immunity against external
interference
Applications
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Power supplies for welding and
telecom applications.
Application Domain
Industrial
Notes : 1) Linearity data exclude the electrical offset.
2) To avoid excessive core heating.
3) Please consult characterisation report for more technical details and
application advice.
060428/2
LEM
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Page 1/3


Similar Part No. - HAZ14000-SRU

ManufacturerPart #DatasheetDescription
logo
LEM
HAZ14000-SRI LEM-HAZ14000-SRI Datasheet
78Kb / 2P
   Current Transducers HAZ 4000~20000-SRI
HAZ14000-SRI LEM-HAZ14000-SRI Datasheet
251Kb / 3P
   Current Transducers
HAZ14000-SRI LEM-HAZ14000-SRI Datasheet
249Kb / 3P
   Current Transducers
More results

Similar Description - HAZ14000-SRU

ManufacturerPart #DatasheetDescription
logo
LEM
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
HAZ6000-SRI LEM-HAZ6000-SRI Datasheet
249Kb / 3P
   Current Transducers
HTB100-P LEM-HTB100-P_07 Datasheet
652Kb / 2P
   Current Transducers
HY5-P LEM-HY5-P_06 Datasheet
685Kb / 2P
   Current Transducers
HY50-P LEM-HY50-P_06 Datasheet
679Kb / 2P
   Current Transducers
CT0.1-P LEM-CT0.1-P Datasheet
892Kb / 3P
   Current Transducers
HAZ4000-SB LEM-HAZ4000-SB_07 Datasheet
879Kb / 3P
   Current Transducers
HTC1000-S LEM-HTC1000-S_07 Datasheet
554Kb / 2P
   Current Transducers
CT0.1-P LEM-CT0.1-P_08 Datasheet
941Kb / 3P
   Current Transducers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com