Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY25-P Datasheet(PDF) 2 Page - LEM

Part # HY25-P
Description  Current Transducers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HY25-P Datasheet(HTML) 2 Page - LEM

  HY25-P Datasheet HTML 1Page - LEM HY25-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions HY 5..25-P (in mm. 1 mm = 0.0394 inch)
Safety
This transducer must be used in electric/electronic equipment
with respect to applicable standards and safety requirements
in accordance with the following manufacturer's operating
instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can
carry hazardous voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious
damage.
This transducer is a built-in device, whose conducting parts
must be inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
JA PAN
HY 5 to 15-P
HY 20 to 25-P
1 2 3 4
5
6
1 +15V
2 --15V
3 OUTPUT
4 0V
5 PRIMARY IN
6 PRIMARY OUT
PCB MOUNTING DIMENSIONS
PIN ARRANGEMENT
2 holes dia. (e)
4 holes dia 1
(in mm ±0.1, hole -0, +0.2)
3 x 2.54
10
8.5
holes dia (e)
3 x 2.54
10
8.5
HY 5 to15-P
HY 20 to 25-P
(g)
(g)
3 x 2.54
3 x 2.54
( d)
10±0.3
8.5±0.3
10±0.3
8.5±0.3
(a)±0.3
36.0 Max.
12 Max.
(0.3)
(0.5)
3.9±0.3
3±0.5
HY 10 - P
9639
HY 20 - P
9639
Type
a
d
e
g
mm mm mm mm
HY 05-P
1.1
0.7
1.2
--
HY 10-P
1.4
1.1 1.6
--
HY 12-P
1.5
1.4 2.0
--
HY 15-P
1.5
1.4 2.0
--
HY 20-P
1.4
1.2
1.8
1.4
HY 25-P
1.5
1.4 2.0
1.6
(
dx2)
12.0
18.0
32.0 Max.
HY 5-P
45059
JP2
061027/8
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 2/2


Similar Part No. - HY25-P

ManufacturerPart #DatasheetDescription
logo
LEM
HY25-P LEM-HY25-P Datasheet
109Kb / 2P
   Current Transducers HY 5 to 25-P
HY25-P/SP1 LEM-HY25-P/SP1 Datasheet
141Kb / 2P
   Current Transducers HY 5 to 25-P/SP1
More results

Similar Description - HY25-P

ManufacturerPart #DatasheetDescription
logo
LEM
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
   Current Transducers
HAZ6000-SRI LEM-HAZ6000-SRI Datasheet
249Kb / 3P
   Current Transducers
HTB100-P LEM-HTB100-P_07 Datasheet
652Kb / 2P
   Current Transducers
HY50-P LEM-HY50-P_06 Datasheet
679Kb / 2P
   Current Transducers
CT0.1-P LEM-CT0.1-P Datasheet
892Kb / 3P
   Current Transducers
HAZ4000-SB LEM-HAZ4000-SB_07 Datasheet
879Kb / 3P
   Current Transducers
HTC1000-S LEM-HTC1000-S_07 Datasheet
554Kb / 2P
   Current Transducers
CT0.1-P LEM-CT0.1-P_08 Datasheet
941Kb / 3P
   Current Transducers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com