Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSP2907ATF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSP2907ATF
Description  PNP General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSP2907ATF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSP2907ATF Datasheet HTML 1Page - Fairchild Semiconductor KSP2907ATF Datasheet HTML 2Page - Fairchild Semiconductor KSP2907ATF Datasheet HTML 3Page - Fairchild Semiconductor KSP2907ATF Datasheet HTML 4Page - Fairchild Semiconductor KSP2907ATF Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
KSP2907A Rev. E
tm
September 2006
KSP2907A
PNP General Purpose Amplifier
Features
• Collector-Emitter Voltage: VCEO= 60V
• Collector Power Dissipation: PC (max)=625mW
• Suffix “-C” means a Center Collector (1.Emitter 2.Collector 3.Base)
• Non suffix “-C” means a Side Collector (1.Emitter 2.Base 3.Collector)
• Available as PN2907A
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* 1. These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics T
a=25°C unless otherwise noted
Note1. Infinite heat sink.
Note2. Minimum Land pad size.
Electrical Characteristics * T
a = 25°C unless otherwise noted
* DC Item are tested by Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-60
V
VCEO
Collector-Emitter Voltage
-60
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector current
-600
mA
TJ
Junction Temperature
+150
°C
Tstg
Storage Temperature
-55 ~ +150
°C
Symbol
Parameter
Max
Units
PC
Collector Power Dissipation, by RθJA
625
mW
RθJC
Thermal Resistance, Junction to Case(note1)
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient(note2)
200
°C/W
Symbol
Parameter
Test Condition
Min.
Typ.
Max. Units
V(BR)CBO
Collector-Base Breakdown Voltage
IC = -10µA, IE = 0
-60
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = -10mA, IB = 0
-60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = -10µA, IC = 0
-5.0
V
ICBO
Collector Cutoff Current
VCB = -50V, IE = 0
-10
nA
hFE
DC Current Gain
VCE = -10V, IC = -0.1mA,
VCE = -10V, IC = -1mA,
VCE = -10V, IC = -10mA,
VCE = -10V, IC = -150mA,
VCE = -10V, IC = -500mA,
75
100
100
100
50
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
-0.4
-1.6
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = -150mA, IB = -15mA
IC = -500mA, IB = -50mA
-1.3
-2.6
V
V
Cobo
Output Capacitance
VCB = -10V, IE = 0, f = 1.0MHz
8
pF
fT
Current Gain Bandwidth Product
IC = -50mA, VCE = -20V,
f = 100MHz
200
MHz
tON
Turn On Time
VCC= -30V, IC = -150mA, IB1= -15mA
45
ns
tOFF
Turn Off Time
VCC= -6V, IC = -150mA,IB1= IB1 = -15mA
100
ns
KSP2907A
: 1. Emitter 2. Base
3. Collector
KSP2907AC : 1. Emitter 2. Collector 3. Base
TO-92
1 2 3


Similar Part No. - KSP2907ATF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP2907A FAIRCHILD-KSP2907A Datasheet
35Kb / 4P
   General Purpose Transistor
More results

Similar Description - KSP2907ATF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com