Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2102-EVAL Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2102-EVAL
Description  600mA 3MHz Synchronous Step-Down DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2102-EVAL Datasheet(HTML) 4 Page - Analog Devices

  ADP2102-EVAL Datasheet HTML 1Page - Analog Devices ADP2102-EVAL Datasheet HTML 2Page - Analog Devices ADP2102-EVAL Datasheet HTML 3Page - Analog Devices ADP2102-EVAL Datasheet HTML 4Page - Analog Devices ADP2102-EVAL Datasheet HTML 5Page - Analog Devices ADP2102-EVAL Datasheet HTML 6Page - Analog Devices ADP2102-EVAL Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Preliminary Technical Data
ADP2102
Rev. PrA | Page 4 of 7
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3.Pin Configuration
Table 4. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
MODE
Mode Input. To set the ADP2102 to Forced Continuous Conduction Mode (CCM), drive MODE high. To set the
ADP2102 to Power Saving Mode (PSM), drive MODE low.
2
EN
Enable Input. Drive EN high to turn on the ADP2102. Drive EN low to turn it off and reduce the input current to 0.1μA.
This pin cannot be left floating.
3
FB/OUT
Output Sense Input or Feedback Input. For fixed output versions, OUT is the top of the internal resistive voltage
divider. Connect OUT to the Output Voltage. For adjustable (non-suffix) versions, FB is the input to the error amplifier.
Drive FB through a resistive voltage divider to set the output voltage. The FB regulation threshold is 0.8V.
4
AGND
Analog Ground. Connect AGND to PGND at a single point as close as to the ADP2102 as possible.
5
PGND
Power Ground.
6
LX
Switch Output. LX is the drain of the p-channel MOSFET switch and n-channel Synchronous rectifier. Connect the
output LC filter between LX and output voltage.
7
PVIN
Power Source Input. Drive PVIN with a 2.7V to 5.5V power source.
8
AVIN
Power Source Input. AVIN is the supply for the ADP2102 internal circuitry. For noise reduction, place an external RC
filter between PVIN and AVIN.


Similar Part No. - ADP2102-EVAL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP2102-1-EVALZ APEX-ADP2102-1-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
ADP2102-1.0-EVALZ APEX-ADP2102-1.0-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
ADP2102-1.25-EVALZ APEX-ADP2102-1.25-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
ADP2102-1.8-EVALZ APEX-ADP2102-1.8-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
ADP2102-1.875EVALZ APEX-ADP2102-1.875EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - ADP2102-EVAL

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3403 DIODES-AP3403 Datasheet
598Kb / 9P
   600mA STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com