Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA1070P Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA1070P
Description  Multistandard programmable analog CMOS transmission IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA1070P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA1070P Datasheet HTML 2Page - NXP Semiconductors PCA1070P Datasheet HTML 3Page - NXP Semiconductors PCA1070P Datasheet HTML 4Page - NXP Semiconductors PCA1070P Datasheet HTML 5Page - NXP Semiconductors PCA1070P Datasheet HTML 6Page - NXP Semiconductors PCA1070P Datasheet HTML 7Page - NXP Semiconductors PCA1070P Datasheet HTML 8Page - NXP Semiconductors PCA1070P Datasheet HTML 9Page - NXP Semiconductors PCA1070P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1997 Jun 20
6
Philips Semiconductors
Product specification
Multistandard programmable analog
CMOS transmission IC
PCA1070
DC STARTING AND SETTLING TIME
The IC is equipped with circuitry for fast DC start-up. This
circuit is automatically activated as soon as VDD reaches
3 V after hook-off, and is deactivated when VSLPE drops
below 5.9 V. This ensures that only a relatively short time
is needed to reach the default DC setting (VSLPE) of the
circuit and that VDD will not exceed the maximum permitted
voltage of 6 V.
The start-up circuit can also be activated under software
control by setting bit code DST to logic 1 via the I2C-bus.
The start-up time can be optimized by programming the bit
code DST to logic 1 during the start-up procedure.
In practice this is possible as soon as the microcontroller
has become operational. The DST bit can also be used to
quickly restore the DC settings (VSLPE) after long line
breaks or during reprogramming of VSLPE.
It should be noted that the AC impedance into pin LN is
reduced considerably when DST = 1.
Power control
INTERNAL RESET PCA1070
The PCA1070 has an internal reset circuit that monitors
the supply voltage VDD. If VDD is below the threshold level
(1.2 V) then the circuit is in reset-mode. In this mode the
current consumption is low and the internal reset is active
and writes the default values into all registers. The status
bit PRES will be set to logic 1. The microcontroller can
read this bit via the I2C-bus interface; once read it will be
set to logic 0 again.
When VDD passes the threshold (increasing VDD), the
circuit becomes partly active and the internal ring/speech
detector will be activated (see Section “Start-up and
switch-off behaviour”).
RESET OUTPUT FOR MICROCONTROLLER
The voltage at pin VMC (microcontroller supply voltage) is
monitored by a reset circuit. If VVMC is below the threshold
level the output RMC is set to logic 1. This threshold level
is 2 V in the normal operating and power-down mode and
2.1 V in the standby mode (see Fig.4).
POWER-DOWN/STANDBY MODES
The circuit can be set in power-down or standby mode.
These modes are intended for use with pulse dialling
during long line breaks and applications with memory
retention.
With control bits PDx = 01, the circuit is in the power-down
mode; the typical current consumption at pin VDD is
reduced from IDD = 2.3 mA to 30 µA; the typical current
consumption at pin VMC is 4
µA. When PDx = 11 the
circuit is in the standby mode and IDD and IVMC are
reduced to 2
µA. In both conditions (power-down and
standby) the voltage stabilizer will be disabled.
START-UP AND SWITCH-OFF BEHAVIOUR
This description refers to the basic application where VDD
and VMC are connected together and one supply
capacitor is used (see Fig.8).
Fig.4 VMC timing diagram.
handbook, halfpage
MGE339
0
VVMC
RMC
logic 1
low voltage
condition
VRESET
logic 0


Similar Part No. - PCA1070P

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
PCA10 LUMINIS-PCA10 Datasheet
102Kb / 2P
   4?쒭ia. aluminum poles
logo
Ohmite Mfg. Co.
PCA1000 OHMITE-PCA1000 Datasheet
78Kb / 1P
   PCA models for AC outputs PCD models for DC outputs
PCA1020 OHMITE-PCA1020 Datasheet
78Kb / 1P
   PCA models for AC outputs PCD models for DC outputs
logo
Adam Technologies, Inc.
PCA103HL320 ADAM-TECH-PCA103HL320 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR
PCA103HU320 ADAM-TECH-PCA103HU320 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR
More results

Similar Description - PCA1070P

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6121 NEC-UPD6121 Datasheet
170Kb / 28P
   REMOTE CONTROL TRANSMISSION CMOS IC
logo
Renesas Technology Corp
RAA730300 RENESAS-RAA730300 Datasheet
1Mb / 120P
   Monolithic Programmable Analog IC
May. 31, 2014
RAA730301 RENESAS-RAA730301 Datasheet
735Kb / 46P
   Monolithic Programmable Analog IC
May. 31, 2014
RAA730502 RENESAS-RAA730502 Datasheet
810Kb / 47P
   Monolithic Programmable Analog IC
May. 31 2014
RAA730502 RENESAS-RAA730502_15 Datasheet
788Kb / 47P
   Monolithic Programmable Analog IC
RAA730500 RENESAS-RAA730500 Datasheet
1Mb / 120P
   Monolithic Programmable Analog IC
May. 31, 2014
RAA730301 RENESAS-RAA730301_15 Datasheet
716Kb / 46P
   Monolithic Programmable Analog IC
RAA730500 RENESAS-RAA730500_15 Datasheet
1Mb / 120P
   Monolithic Programmable Analog IC
RAA730501 RENESAS-RAA730501_15 Datasheet
714Kb / 49P
   Monolithic Programmable Analog IC
RAA730300 RENESAS-RAA730300_15 Datasheet
1Mb / 120P
   Monolithic Programmable Analog IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com