Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS140 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MBRS140
Description  Schottky Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MBRS140 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MBRS140 Datasheet HTML 1Page - Fairchild Semiconductor MBRS140 Datasheet HTML 2Page - Fairchild Semiconductor MBRS140 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2004 Fairchild Semiconductor Corporation
MBRS140, Rev. B2
Typical Characteristics
Figure 1. Forward Voltage Characteristics
Figure 2. Reverse Current vs Reverse Voltage
Figure 3. Total Capacitance
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.05
0.1
0.2
0.5
1
2
5
Forward Voltage, V
F [V]
25 C
100 C
0
5
10
15
20
25
30
35
40
0.0001
0.001
0.01
0.1
1
5
Reverse Voltage, V
R[V]
25 C
125 C
100 C
75 C
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
Reverse Voltage, V
R [V]
T = +25 C
A


Similar Part No. - MBRS140

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBRS140 FAIRCHILD-MBRS140 Datasheet
70Kb / 4P
   SCHOTTKY POWER RECTIFIER
logo
ON Semiconductor
MBRS140 ONSEMI-MBRS140 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
MBRS140 ONSEMI-MBRS140 Datasheet
157Kb / 13P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
MBRS140 ONSEMI-MBRS140 Datasheet
283Kb / 20P
   Low Voltage Buck Regulators
May, 2013 ??Rev. 21
logo
Zibo Seno Electronic En...
MBRS140 ZSELEC-MBRS140 Datasheet
77Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - MBRS140

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com