Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7910CT Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # MC7910CT
Description  3-Terminal 1A Negative Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC7910CT Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button MC7910CT Datasheet HTML 5Page - Fairchild Semiconductor MC7910CT Datasheet HTML 6Page - Fairchild Semiconductor MC7910CT Datasheet HTML 7Page - Fairchild Semiconductor MC7910CT Datasheet HTML 8Page - Fairchild Semiconductor MC7910CT Datasheet HTML 9Page - Fairchild Semiconductor MC7910CT Datasheet HTML 10Page - Fairchild Semiconductor MC7910CT Datasheet HTML 11Page - Fairchild Semiconductor MC7910CT Datasheet HTML 12Page - Fairchild Semiconductor MC7910CT Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MC79XX/MC79XXA/LM79XX
9
Electrical Characteristics (MC7918) (Continued)
(VI = -27V, IO = 500mA, 0
°C ≤TJ ≤ +125°C, CI =2.2µF, CO =1µF, unless otherwise specified.)
Note:
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25
°C
-17.3
-18
-18.7
V
IO = 5mA to 1A, PO
≤ 15W
VI = -22.5V to -33V
-17.1
-18
-18.9
Line Regulation (Note1)
∆VO
TJ = +25
°C
VI = -21V to -33V
-
15
360
mV
VI = -24V to -30V
-
8
180
Load Regulation (Note1)
∆VO
TJ = +25
°C
IO = 5mA to 1.5A
-
15
360
mV
TJ = +25
°C
IO = 250mA to 750mA
-
5
180
Quiescent Current
IQ
TJ = +25
°C-
3
6
mA
Quiescent Current Change
∆IQ
IO = 5mA to 1A
-
0.05
0.5
mA
VI = -21V to -33V
-
0.1
1
Temperature Coefficient of VD
∆Vo/∆TIO = 5mA
-
-1
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz
TA = +25
°C
-
300
-
µV
Ripple Rejection
RR
f = 120Hz
∆VI = 10V
54
60
-
dB
Dropout Voltage
VD
TJ = +25
°C
IO = 1A
-2-
V
Short Circuit Current
ISC
TJ = +25
°C, VI = -35V
-
300
-
mA
Peak Current
IPK
TJ = +25
°C-
2.2
-
A


Similar Part No. - MC7910CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC7910CT FAIRCHILD-MC7910CT Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Micro Commercial Compon...
MC7910CT MCC-MC7910CT Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7910CT-BP MCC-MC7910CT-BP Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
More results

Similar Description - MC7910CT

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79XX FAIRCHILD-KA79XX Datasheet
121Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_15 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com