Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21065LKCA-264 Datasheet(PDF) 3 Page - Analog Devices

Part # ADSP-21065LKCA-264
Description  DSP Microcomputer
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21065LKCA-264 Datasheet(HTML) 3 Page - Analog Devices

  ADSP-21065LKCA-264 Datasheet HTML 1Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 2Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 3Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 4Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 5Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 6Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 7Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 8Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
REV. C
ADSP-21065L
–3–
GENERAL DESCRIPTION
The ADSP-21065L is a powerful member of the SHARC
family of 32-bit processors optimized for cost sensitive appli-
cations. The SHARC—Super Harvard Architecture—offers the
highest levels of performance and memory integration of any
32-bit DSP in the industry—they are also the only DSP in the
industry that offer both fixed and floating-point capabilities,
without compromising precision or performance.
The ADSP-21065L is fabricated in a high speed, low power
CMOS process, 0.35
mm technology. With its on-chip instruc-
tion cache, the processor can execute every instruction in a
single cycle. Table I lists the performance benchmarks for the
ADSP-21065L.
The ADSP-21065L SHARC combines a floating-point DSP
core with integrated, on-chip system features, including a
544 Kbit SRAM memory, host processor interface, DMA con-
troller, SDRAM controller, and enhanced serial ports.
Figure 1 shows a block diagram of the ADSP-21065L, illustrat-
ing the following architectural features:
Computation Units (ALU, Multiplier, and Shifter) with a
Shared Data Register File
Data Address Generators (DAG1, DAG2)
Program Sequencer with Instruction Cache
Timers with Event Capture Modes
On-Chip, dual-ported SRAM
External Port for Interfacing to Off-Chip Memory and
Peripherals
Host Port and SDRAM Interface
DMA Controller
Enhanced Serial Ports
JTAG Test Access Port
Table I. Performance Benchmarks
Benchmark
Timing
Cycles
Cycle Time
15.00 ns
1
1024-Pt. Complex FFT
(Radix 4, with Digit Reverse)
0.274 ns
18221
Matrix Multiply (Pipelined)
[3
¥ 3] ¥ [3 ¥ 1]
135 ns
9
[4
¥ 4] ¥ [4 ¥ 1]
240 ns
16
FIR Filter (per Tap)
15 ns
1
IIR Filter (per Biquad)
60 ns
4
Divide Y/X
90 ns
6
Inverse Square Root (1/
÷x)
135 ns
9
DMA Transfers
264 Mbytes/sec.
ADSP-21000 FAMILY CORE ARCHITECTURE
The ADSP-21065L is code and function compatible with the
ADSP-21060/ADSP-21061/ADSP-21062. The ADSP-21065L
includes the following architectural features of the SHARC
family core.
RESET
ADSP-21065L
#1
BMS
ADDR23-0
DATA31-0
CS
ADDR
DATA
BOOT
EPROM
(OPTIONAL)
ADDR
SDRAM
(OPTIONAL)
DATA
ADDR
DATA
HOST
PROCESSOR
(OPTIONAL)
CLOCK
CS
HBR
HBG
REDY
RD
WR
ACK
SBTS
SW
BR2
CLKIN
MS3-0
CPA
CS
RESET
ID1-0
01
TX0_A
TX0_B
RX0_A
RX0_B
SPORT0
TX1_A
TX1_B
RX1_A
RX1_B
SPORT1
CS
RAS
CAS
DQM
SDCLK1-0
SDCKE
SDA10
BR1
RAS
CAS
DQM
CLK
CKE
A10
CONTROL
SDWE
WE
Figure 2. ADSP-21065L Single-Processor System
Independent, Parallel Computation Units
The arithmetic/logic unit (ALU), multiplier, and shifter all
perform single-cycle instructions. The three units are arranged
in parallel, maximizing computational throughput. Single multi-
function instructions execute parallel ALU and multiplier
operations. These computation units support IEEE 32-bit
single-precision floating-point, extended precision 40-bit floating-
point, and 32-bit fixed-point data formats.
Data Register File
A general-purpose data register file is used for transferring data
between the computation units and the data buses, and for
storing intermediate results. This 10-port, 32-register (16 primary,
16 secondary) register file, combined with the ADSP-21000
Harvard architecture, allows unconstrained data flow between
computation units and internal memory.
Single-Cycle Fetch of Instruction and Two Operands
The ADSP-21065L features an enhanced Super Harvard Archi-
tecture in which the data memory (DM) bus transfers data and
the program memory (PM) bus transfers both instructions and
data (see Figure 1). With its separate program and data memory
buses, and on-chip instruction cache, the processor can simulta-
neously fetch two operands and an instruction (from the cache),
all in a single cycle.
Instruction Cache
The ADSP-21065L includes an on-chip instruction cache that
enables three-bus operation for fetching an instruction and two
data values. The cache is selective—only the instructions that
fetches conflict with PM bus data accesses are cached. This
allows full-speed execution of core, looped operations such as
digital filter multiply-accumulates and FFT butterfly processing.
Data Address Generators with Hardware Circular Buffers
The ADSP-21065L’s two data address generators (DAGs)
implement circular data buffers in hardware. Circular buffers
allow efficient programming of delay lines and other data


Similar Part No. - ADSP-21065LKCA-264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21065LKCA-264 AD-ADSP-21065LKCA-264 Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LKCA-264 AD-ADSP-21065LKCA-264 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LKCA-264 AD-ADSP-21065LKCA-264 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
More results

Similar Description - ADSP-21065LKCA-264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com