Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MID400S Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # MID400S
Description  AC Line Monitor Logic-Out Device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MID400S Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button MID400S Datasheet HTML 3Page - Fairchild Semiconductor MID400S Datasheet HTML 4Page - Fairchild Semiconductor MID400S Datasheet HTML 5Page - Fairchild Semiconductor MID400S Datasheet HTML 6Page - Fairchild Semiconductor MID400S Datasheet HTML 7Page - Fairchild Semiconductor MID400S Datasheet HTML 8Page - Fairchild Semiconductor MID400S Datasheet HTML 9Page - Fairchild Semiconductor MID400S Datasheet HTML 10Page - Fairchild Semiconductor MID400S Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.fairchildsemi.com
MID400 Rev. 1.0.1
Package Dimensions
Through Hole
Surface Mount
0.4” Lead Spacing
Recommended Pad Layout for
Surface Mount Leadform
Note:
All dimensions are in inches (millimeters)
Lead Coplanarity : 0.004 (0.10) MAX
0.270 (6.86)
0.250 (6.35)
0.390 (9.91)
0.370 (9.40)
0.022 (0.56)
0.016 (0.41)
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.070 (1.78)
0.045 (1.14)
0.300 (7.62)
TYP
0.405 (10.30)
MIN
0.315 (8.00)
MIN
0.045 [1.14]
32
1
4
56
7
8
0.016 (0.41)
0.008 (0.20)
PIN 1
ID.
0.200 (5.08)
0.140 (3.55)
0.100 (2.54) TYP
0.022 (0.56)
0.016 (0.41)
0.020 (0.51) MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.045 (1.14)
2
41
56
7
8
0.300 (7.62)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
15° MAX
PIN 1
ID.
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.295 (7.49)
0.415 (10.54)
0.200 (5.08)
0.140 (3.55)
0.100 (2.54) TYP
0.022 (0.56)
0.016 (0.41)
0.004 (0.10) MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.045 (1.14)
2
41
56
7
8
0.400 (10.16)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
0° to 15°
PIN 1
ID.


Similar Part No. - MID400S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MID400S ONSEMI-MID400S Datasheet
357Kb / 12P
   AC Line Monitor Logic-Out Device
October, 2022 - Rev. 3
MID400SD ONSEMI-MID400SD Datasheet
357Kb / 12P
   AC Line Monitor Logic-Out Device
October, 2022 - Rev. 3
MID400SDV ONSEMI-MID400SDV Datasheet
357Kb / 12P
   AC Line Monitor Logic-Out Device
October, 2022 - Rev. 3
MID400SV ONSEMI-MID400SV Datasheet
357Kb / 12P
   AC Line Monitor Logic-Out Device
October, 2022 - Rev. 3
More results

Similar Description - MID400S

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MID400 QT-MID400 Datasheet
482Kb / 6P
   AC LINE MONITOR LOGIC-OUT DEVICE
logo
Fairchild Semiconductor
MID400 FAIRCHILD-MID400 Datasheet
555Kb / 11P
   AC LINE MONITOR LOGIC-OUT DEVICE
logo
ON Semiconductor
MID400 ONSEMI-MID400 Datasheet
357Kb / 12P
   AC Line Monitor Logic-Out Device
October, 2022 - Rev. 3
logo
Murata Manufacturing Co...
DMS-LM3 MURATA-DMS-LM3 Datasheet
172Kb / 2P
   Self-Powered LED Display 480V AC Line Monitor
logo
Toshiba Semiconductor
4N38 TOSHIBA-4N38 Datasheet
307Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
4N35 TOSHIBA-4N35 Datasheet
333Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
4N25 TOSHIBA-4N25 Datasheet
324Kb / 6P
   PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
API Technologies Corp
MS3C APITECH-MS3C Datasheet
226Kb / 1P
   OUT LINE MS3C
MS3BL APITECH-MS3BL Datasheet
195Kb / 1P
   OUT LINE, MS3BL
MS2TB APITECH-MS2TB Datasheet
183Kb / 1P
   OUT LINE, MS2TB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com