Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC174A Datasheet(PDF) 5 Page - Texas Instruments

Part # SN65LBC174A
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC174A Datasheet(HTML) 5 Page - Texas Instruments

  SN65LBC174A_07 Datasheet HTML 1Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 2Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 3Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 4Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 5Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 6Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 7Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 8Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN65LBC174A, SN75LBC174A
QUADRUPLE RS485 DIFFERENTIAL LINE DRIVERS
SLLS446C − OCTOBER 2000 − REVISED MAY 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high level output
5.5
8
11
ns
tPHL
Propagation delay time, high-to-low level output
5.5
8
11
ns
tr
Differential output voltage rise time
3
7.5
11
ns
tf
Differential output voltage fall time
RL = 54 Ω, CL = 50 pF,
3
7.5
11
ns
tsk(p)
Pulse skew |tPLH – tPHL|
RL = 54 Ω, CL = 50 pF,
See Figure 4
0.6
2
ns
tsk(p)
Pulse skew |tPLH – tPHL|
See Figure 4
0.6
2
ns
tsk(o)
Output skew†
2
ns
tsk(pp) Part-to-part skew‡
3
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
See Figure 5
25
ns
tPHZ
Propagation delay time, high-level-output-to-high impedance
See Figure 5
25
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
See Figure 6
30
ns
tPLZ
Propagation delay time, low-level-output-to-high impedance
See Figure 6
20
ns
† Output skew (tsk(o)) is the magnitude of the time delay difference between the outputs of a single device with all of the inputs connected together.
‡ Part-to-part skew (tsk(pp)) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when
both devices operate with the same input signals, the same supply voltages, at the same temperature, and have identical packages and test
circuits.


Similar Part No. - SN65LBC174A_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174A_07-12 TI-SN65LBC174A_07-12 Datasheet
577Kb / 21P
[Old version datasheet]   QUADRUPLE RS- 485 DIFFERENTAIL LINE DRIVERS
More results

Similar Description - SN65LBC174A_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI-SN65LBC172A Datasheet
480Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A_07-12 TI-SN65LBC174A_07-12 Datasheet
577Kb / 21P
[Old version datasheet]   QUADRUPLE RS- 485 DIFFERENTAIL LINE DRIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP_17 Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC175A TI-SN65LBC175A_07 Datasheet
474Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com