Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC174A Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65LBC174A
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC174A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LBC174A_07 Datasheet HTML 2Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 3Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 4Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 5Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 6Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 7Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 8Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 9Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN65LBC174A, SN75LBC174A
QUADRUPLE RS485 DIFFERENTIAL LINE DRIVERS
SLLS446C − OCTOBER 2000 − REVISED MAY 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
GND
VI
A
IOZ
IOY
Y
Z
VOD
VOY
II
VOZ
54
Figure 1. Test Circuit, VOD Without Common-Mode Loading
375
VTEST = −7 V to 12 V
Y
Z
VOD
Input
60
375
VI
A
VTEST
Figure 2. Test Circuit, VOD With Common-Mode Loading
Y
Z
VOC
27
A
50
Signal
Generator†
CL = 50 pF‡
27
† PRR = 1 MHz, 50% duty cycle, tr < 6 ns, tf < 6 ns, ZO = 50 Ω
‡ Includes probe and jig capacitance
Figure 3. VOC Test Circuit


Similar Part No. - SN65LBC174A_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174A_07-12 TI-SN65LBC174A_07-12 Datasheet
577Kb / 21P
[Old version datasheet]   QUADRUPLE RS- 485 DIFFERENTAIL LINE DRIVERS
More results

Similar Description - SN65LBC174A_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI-SN65LBC172A Datasheet
480Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A_07-12 TI-SN65LBC174A_07-12 Datasheet
577Kb / 21P
[Old version datasheet]   QUADRUPLE RS- 485 DIFFERENTAIL LINE DRIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP_17 Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC175A TI-SN65LBC175A_07 Datasheet
474Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com