Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC174A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LBC174A
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC174A Datasheet(HTML) 1 Page - Texas Instruments

  SN65LBC174A_07 Datasheet HTML 1Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 2Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 3Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 4Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 5Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 6Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 7Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 8Page - Texas Instruments SN65LBC174A_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN65LBC174A, SN75LBC174A
QUADRUPLE RS485 DIFFERENTIAL LINE DRIVERS
SLLS446C − OCTOBER 2000 − REVISED MAY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Designed for TIA/EIA-485, TIA/EIA-422 and
ISO 8482 Applications
D Signaling Ratesup to 30 Mbps
D Propagation Delay Times < 11 ns
D Low Standby Power Consumption
1.5 mA Max
D Output ESD Protection Exceeds 13 kV
D Driver Positive- and Negative-Current
Limiting
D Power-Up and Power-Down Glitch-Free for
Line Insertion Applications
D Thermal Shutdown Protection
D Industry Standard Pin-Out, Compatible
With SN75174, MC3487, DS96174, LTC487,
and MAX3042
description
The SN65LBC174A and SN75LBC174A are quadruple differential line drivers with 3-state outputs, designed
for TIA/EIA-485 (RS-485), TIA/EIA-422 (RS-422), and ISO 8482 applications.
These devices are optimized for balanced multipoint bus transmission at signalling rates up to 30 million bits
per second. The transmission media may be printed-circuit board traces, backplanes, or cables. The ultimate
rate and distance of data transfer is dependent upon the attenuation characteristics of the media and the noise
coupling to the environment.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
1,2EN
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
3,4EN
3Z
3Y
3A
N PACKAGE
(TOP VIEW)
logic diagram (positive logic)
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
4A
3A
2A
1A
1
7
9
15
2
3
6
5
10
11
14
13
1,2EN
4
3,4EN
12
4Z
4Y
3Z
3Y
2Z
2Y
1Z
1Y
4A
3A
2A
1A
1
9
11
19
2
4
8
6
12
14
18
16
1,2EN
5
3,4EN
15
logic diagram (positive logic)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1A
1Y
NC
1Z
1,2EN
2Z
NC
2Y
2A
GND
VCC
4A
4Y
NC
4Z
3,4EN
3Z
NC
3Y
3A
20-DW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
1,2EN
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
3,4EN
3Z
3Y
3A
16-DW PACKAGE
(TOP VIEW)
Copyright
 2001 − 20003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
†The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN65LBC174A_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174A_07-12 TI-SN65LBC174A_07-12 Datasheet
577Kb / 21P
[Old version datasheet]   QUADRUPLE RS- 485 DIFFERENTAIL LINE DRIVERS
More results

Similar Description - SN65LBC174A_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI-SN65LBC172A Datasheet
480Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A_07-12 TI-SN65LBC174A_07-12 Datasheet
577Kb / 21P
[Old version datasheet]   QUADRUPLE RS- 485 DIFFERENTAIL LINE DRIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP_17 Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC175A TI-SN65LBC175A_07 Datasheet
474Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com