Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDT3486B Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT3486B
Description  HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT3486B Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDT3486B Datasheet HTML 3Page - Texas Instruments SN65LVDT3486B Datasheet HTML 4Page - Texas Instruments SN65LVDT3486B Datasheet HTML 5Page - Texas Instruments SN65LVDT3486B Datasheet HTML 6Page - Texas Instruments SN65LVDT3486B Datasheet HTML 7Page - Texas Instruments SN65LVDT3486B Datasheet HTML 8Page - Texas Instruments SN65LVDT3486B Datasheet HTML 9Page - Texas Instruments SN65LVDT3486B Datasheet HTML 10Page - Texas Instruments SN65LVDT3486B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
SN65LVDS32B,, SN65LVDT32B
SN65LVDS3486B, SN65LVDT3486B
SN65LVDS9637B, SN65LVDT9637B
SLLS440B – OCTOBER 2000 – REVISED APRIL 2007
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
2.5
4
6
ns
See Figure 3
tPHL
Propagation delay time, high-to-low-level output
2.5
4
6
ns
td1
Delay time, fail-safe deactivate time
9
ns
See Figure 3 and
Figure 6
td2
Delay time, fail-safe activate time
0.3
1.5
µs
tsk(p)
Pulse skew (|tPHL1 - tPLH1|)
200
ps
tsk(o)
Output skew(2)
150
ps
tsk(pp)
Part-to-part skew(3)
CL = 10 pF, See Figure 3
1
ns
tr
Output signal rise time
0.8
ns
tf
Output signal fall time
0.8
ns
tPHZ
Propagation delay time, high-level-to-high-impedance output
5.5
9
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
4.4
9
ns
See Figure 4
tPZH
Propagation delay time, high-impedance -to-high-level output
3.8
9
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
7
9
ns
(1)
All typical values are at 25°C and with a 3.3-V supply.
(2)
tsk(o) is the magnitude of the time difference between the tPLH or tPHL of all receivers of a single device with all of their inputs driven
together.
(3)
tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both
devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
7
Submit Documentation Feedback


Similar Part No. - SN65LVDT3486B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT3486B TI-SN65LVDT3486B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT3486BD TI-SN65LVDT3486BD Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT3486BDR TI-SN65LVDT3486BDR Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDT3486B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com