Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC1G08IDBVRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AHC1G08IDBVRQ1
Description  SINGLE 2-INPUT POSITIVE-AND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G08IDBVRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHC1G08IDBVRQ1 Datasheet HTML 1Page - Texas Instruments SN74AHC1G08IDBVRQ1 Datasheet HTML 2Page - Texas Instruments SN74AHC1G08IDBVRQ1 Datasheet HTML 3Page - Texas Instruments SN74AHC1G08IDBVRQ1 Datasheet HTML 4Page - Texas Instruments SN74AHC1G08IDBVRQ1 Datasheet HTML 5Page - Texas Instruments SN74AHC1G08IDBVRQ1 Datasheet HTML 6Page - Texas Instruments SN74AHC1G08IDBVRQ1 Datasheet HTML 7Page - Texas Instruments SN74AHC1G08IDBVRQ1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74AHC1G08Q1
SINGLE 2INPUT POSITIVEAND GATE
SCLS592B − OCTOBER 2004 – REVISED MARCH 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–40
°C TO
85
°C
–40
°C TO
125
°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
1.9
IOH = −50 mA
3 V
2.9
3
2.9
2.9
VOH
IOH = −50 mA
4.5 V
4.4
4.5
4.4
4.4
V
VOH
IOH = −4 mA
3 V
2.58
2.48
2.4
V
IOH = −8 mA
4.5 V
3.94
3.8
3.7
2 V
0.1
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
0.1
VOL
IOL = 50 mA
4.5 V
0.1
0.1
0.1
V
VOL
IOL = 4 mA
3 V
0.36
0.44
0.52
V
IOL = 8 mA
4.5 V
0.36
0.44
0.52
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1
±1
mA
ICC
VI = VCC or
GND,
IO = 0
5.5 V
1
10
20
mA
Ci
VI = VCC or GND
5 V
4
10
10
10
pF
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
OUTPUT
CAPACITAN
TA = 25°C
–40
°C TO
85
°C
–40
°C TO
125
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITAN
CE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
Y
CL = 15 pF
6.2
8.8
1
10.5
12.5
ns
tPHL
A or B
Y
CL = 15 pF
6.2
8.8
1
10.5
12.5
ns
tPLH
A or B
Y
CL = 50 pF
8.7
12.3
1
14
16.5
ns
tPHL
A or B
Y
CL = 50 pF
8.7
12.3
1
14
16.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
OUTPUT
CAPACITAN
TA = 25°C
–40
°C TO
85
°C
–40
°C TO
125
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITAN
CE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
Y
CL = 15 pF
4.3
5.9
7
9
ns
tPHL
A or B
Y
CL = 15 pF
4.3
5.9
7
9
ns
tPLH
A or B
Y
CL = 50 pF
5.8
7.9
9
11
ns
tPHL
A or B
Y
CL = 50 pF
5.8
7.9
9
11
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
18
pF


Similar Part No. - SN74AHC1G08IDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G08 TI-SN74AHC1G08 Datasheet
240Kb / 9P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08 TI-SN74AHC1G08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08 TI-SN74AHC1G08 Datasheet
472Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08 TI-SN74AHC1G08 Datasheet
574Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08 TI1-SN74AHC1G08 Datasheet
1Mb / 28P
[Old version datasheet]   Single 2-Input Positive-AND Gate
More results

Similar Description - SN74AHC1G08IDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
[Old version datasheet]   single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_2 Datasheet
572Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
   SINGLE 2 INPUT POSITIVE AND GATE
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com