Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS3486BD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS3486BD
Description  HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS3486BD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVDS3486BD Datasheet HTML 2Page - Texas Instruments SN65LVDS3486BD Datasheet HTML 3Page - Texas Instruments SN65LVDS3486BD Datasheet HTML 4Page - Texas Instruments SN65LVDS3486BD Datasheet HTML 5Page - Texas Instruments SN65LVDS3486BD Datasheet HTML 6Page - Texas Instruments SN65LVDS3486BD Datasheet HTML 7Page - Texas Instruments SN65LVDS3486BD Datasheet HTML 8Page - Texas Instruments SN65LVDS3486BD Datasheet HTML 9Page - Texas Instruments SN65LVDS3486BD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN65LVDS32B,, SN65LVDT32B
SN65LVDS3486B, SN65LVDT3486B
SN65LVDS9637B, SN65LVDT9637B
SLLS440B – OCTOBER 2000 – REVISED APRIL 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIT1
Positive-going differential input voltage threshold
50
VIB = -2 V or 4.4 V,
mV
See Figure 1 and Figure 2
VIT2
Negative-going differential input voltage threshold
–50
VIT3
Differential input fail-safe voltage threshold
See Table 1 and Figure 5
–32
–100
mV
VID(HYS) Differential input voltage hysteresis, VIT1– VIT2
50
mV
VOH
High-level output voltage
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
IOL = 4 mA
0.4
V
G or EN at VCC, No load, Steady-state
16
23
'32B or '3486B
ICC
Supply current
G or EN at GND
1.1
5
mA
'9637B
No load, Steady-state
8
12
VI = 0 V, Other input open
±20
VI = 2.4 V, Other input open
±20
SN65LVDS
µA
VI = –2 V, Other input open
±40
VI = 4.4 V, Other input open
±40
II
Input current (A or B inputs)
VI = 0 V, Other input open
±40
VI = 2.4 V, Other input open
±40
SN65LVDT
µA
VI = –2 V, Other input open
±80
VI = 4.4 V, Other input open
±80
VID = 100 mV, VIC= –2 V or 4.4 V,
SN65LVDS
±3
µA
Differential input current
See Figure 1
IID
(IIA - IIB)
SN65LVDT
VID = 0.2 V, VIC = –2 V or 4.4 V
1.55
2.22
mA
VA or VB = 0 V or 2.4 V, VCC = 0 V
±20
SN65LVDS
VA or VB = –2 V or 4.4 V, VCC = 0 V
±35
Power-off input current
II(OFF)
µA
(A or B inputs)
VA or VB = 0 V or 2.4 V, VCC = 0 V
±30
SN65LVDT
VA or VB = –2 V or 4.4 V, VCC = 0 V
±50
IIH
High-level input current (enables)
VIH = 2 V
10
µA
IIL
Low-level input current (enables)
VIL = 0.8 V
10
µA
IOZ
High-impedance output current
±10
µA
CI
Input capacitance, A or B input to GND
VI = 0.4 sin (4E6πt) + 0.5 V
5
pF
(1)
All typical values are at 25°C and with a 3.3 V supply.
6
Submit Documentation Feedback


Similar Part No. - SN65LVDS3486BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS3486BD TI-SN65LVDS3486BD Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS3486BDR TI-SN65LVDS3486BDR Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDS3486BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com