Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVC7814 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ALVC7814
Description  LOW-POWER FIRST-IN, FIRST-OUT MEMORY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC7814 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALVC7814_06 Datasheet HTML 1Page - Texas Instruments SN74ALVC7814_06 Datasheet HTML 2Page - Texas Instruments SN74ALVC7814_06 Datasheet HTML 3Page - Texas Instruments SN74ALVC7814_06 Datasheet HTML 4Page - Texas Instruments SN74ALVC7814_06 Datasheet HTML 5Page - Texas Instruments SN74ALVC7814_06 Datasheet HTML 6Page - Texas Instruments SN74ALVC7814_06 Datasheet HTML 7Page - Texas Instruments SN74ALVC7814_06 Datasheet HTML 8Page - Texas Instruments SN74ALVC7814_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN74ALVC7814
64
× 18
LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SCAS592A – OCTOBER 1997 – REVISED APRIL 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Q0–Q17
AF/AE
HF
OE
D0–D17
UNCK
LDCK
RESET
PEN
EMPTY
FULL
Status-
Flag
Logic
Read
Pointer
Reset
Logic
64
× 18
Write
Pointer
RAM
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AF/AE
24
O
Almost full/almost empty flag. Depth-offset values can be programmed for this flag or the default value
of 64 can be used for both the almost empty offset (X) and the almost full offset (Y). AF/AE is high when
memory contains X or fewer words or (64 – Y) or more words. AF/AE is high after reset.
D0–D17
2–9, 11–12,
14–21
I
18-bit data input port
EMPTY
29
O
Empty flag. EMPTY is low when the FIFO is empty. A FIFO reset also causes EMPTY to go low.
FULL
28
O
Full flag. FULL is low when the FIFO is full. A FIFO reset causes FULL to go high.
HF
22
O
Half-full flag. HF is high when the FIFO memory contains 32 or more words. HF is low after reset.
LDCK
25
I
Load clock. Data is written to the FIFO on the rising edge of LDCK when FULL is high.
OE
56
I
Output enable. When OE is high, the data outputs are in the high-impedance state.
PEN
23
I
Program enable. After reset and before the first word is written to the FIFO, the binary value on D0–D7
is latched as an AF/AE offset value when PEN is low and WRTCLK is high.
Q0–Q17
33–34, 36–38,
40–43, 45–49,
51, 53–55
O
18-bit data output port
RESET
1
I
Reset. A low level on RESET resets the FIFO and drives AF/AE and FULL high and HF and EMPTY low.
UNCK
32
I
Unload clock. Data is read from the FIFO on the rising edge of UNCK when EMPTY is high.


Similar Part No. - SN74ALVC7814_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC7814DL TI-SN74ALVC7814DL Datasheet
149Kb / 11P
[Old version datasheet]   64 횞 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ALVC7814_06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ALVC7805 TI1-SN74ALVC7805_09 Datasheet
416Kb / 18P
[Old version datasheet]   LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7814 TI-SN74ALVC7814 Datasheet
149Kb / 11P
[Old version datasheet]   64 횞 18 LOW-POWER FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com