Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS3486BDG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LVDS3486BDG4
Description  HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS3486BDG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS3486BDG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS3486BDG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS3486BDG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS3486BDG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS3486BDG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS3486BDG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS3486BDG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS3486BDG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS3486BDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
SN65LVDT32B
1
2
3
4
8
7
6
5
VCC
1Y
2Y
GND
1A
1B
2A
2B
D PACKAGE
(TOP VIEW)
D PACKAGE
(TOP VIEW)
SN65LVDS32B
G
G
1A
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
Logic Diagram
(positive logic)
SN65LVDT32B
ONLY (4 Places)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
1,2EN
2Y
2A
2B
GND
VCC
4B
4A
4Y
3,4EN
3Y
3A
3B
SN65LVDT3486B
D PACKAGE
(TOP VIEW)
SN65LVDS3486B
1A
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
Logic Diagram
(positive logic)
SN65LVDT3486B
ONLY (4 Places)
1,2EN
3,4EN
1A
1B
2A
2B
1Y
2Y
SN65LVDT9637B
ONLY
SN65LVDT9637B
SN65LVDS9637B
Logic Diagram
(positive logic)
SN65LVDS32B,, SN65LVDT32B
SN65LVDS3486B, SN65LVDT3486B
SN65LVDS9637B, SN65LVDT9637B
SLLS440B – OCTOBER 2000 – REVISED APRIL 2007
HIGH-SPEED DIFFERENTIAL RECEIVERS
• Meets or Exceeds the Requirements of ANSI
EIA/TIA-644 Standard for Signaling Rates (1) up
to 400 Mbps
• Operates With a Single 3.3-V Supply
• –2-V to 4.4-V Common-Mode Input Voltage
Range
• Differential Input Thresholds <50 mV With
50 mV of Hysteresis Over Entire Common-
Mode Input Voltage Range
• Integrated 110-Ω Line Termination Resistors
Offered With the LVDT Series
• Propagation Delay Times 4 ns (typ)
• Active Fail Safe Assures a High-Level Output
With No Input
• Bus-Pin ESD Protection Exceeds 15 kV HBM
• Inputs Remain High-Impedance on Power
Down
• Recommended Maximum Parallel Rate of
200 M-Transfer/s
• Available in Small-Outline Package With
1,27-mm Terminal Pitch
• Pin-Compatible With the AM26LS32, MC3486,
or µA9637
This
family
of
differential
line
receivers
offers
improved performance and features that implement
the electrical characteristics of low-voltage differential
signaling
(LVDS).
LVDS
is
defined
in
the
TIA/EIA-644 standard. This improved performance
represents
the
second
generation
of
receiver
products for this standard, providing a better overall
solution for the cabled environment. This generation
of products is an extension to TI's overall product
portfolio and is not necessarily a replacement for
older LVDS receivers.
(1)
Signaling rate, 1/t, where t is the minimum unit interval and is
expressed in the units bit/s (bits per second).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LVDS3486BDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS3486BD TI-SN65LVDS3486BD Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS3486BDR TI-SN65LVDS3486BDR Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDS3486BDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com