Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDT3486BDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT3486BDR
Description  HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT3486BDR Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDT3486BDR Datasheet HTML 1Page - Texas Instruments SN65LVDT3486BDR Datasheet HTML 2Page - Texas Instruments SN65LVDT3486BDR Datasheet HTML 3Page - Texas Instruments SN65LVDT3486BDR Datasheet HTML 4Page - Texas Instruments SN65LVDT3486BDR Datasheet HTML 5Page - Texas Instruments SN65LVDT3486BDR Datasheet HTML 6Page - Texas Instruments SN65LVDT3486BDR Datasheet HTML 7Page - Texas Instruments SN65LVDT3486BDR Datasheet HTML 8Page - Texas Instruments SN65LVDT3486BDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
SN65LVDS32B,, SN65LVDT32B
SN65LVDS3486B, SN65LVDT3486B
SN65LVDS9637B, SN65LVDT9637B
SLLS440B – OCTOBER 2000 – REVISED APRIL 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Improved features include an input common-mode voltage range 2 V wider than the minimum required by the
standard. This will allow longer cable lengths by tripling the allowable ground noise tolerance to 3 V between a
driver and receiver. TI has additionally introduced an even wider input common-mode voltage range of –4 to 5 V
in their SN65LVDS/T33 and SN65LVDS/T34.
Precise control of the differential input voltage thresholds now allows for inclusion of 50 mV of input voltage
hysteresis to improve noise rejection on slowly changing input signals. The input thresholds are still no more
than ±50 mV over the full input common-mode voltage range.
The high-speed switching of LVDS signals almost always necessitates the use of a line impedance matching
resistor at the receiving-end of the cable or transmission media. The SN65LVDT series of receivers eliminates
this external resistor by integrating it with the receiver. The non-terminated SN65LVDS series is also available
for multidrop or other termination circuits.
The receivers can withstand ±15-kV human-body model (HBM) and ±600 V-machine model (MM) electrostatic
discharges to the receiver input pins with respect to ground without damage. This provides reliability in cabled
and other connections where potentially damaging noise is always a threat.
The receivers also include a (patent pending) fail-safe circuit that will provide a high-level output within 600 ns
after loss of the input signal. The most common causes of signal loss are disconnected cables, shorted lines, or
powered-down transmitters. This prevents noise from being received as valid data under these fault conditions.
This feature may also be used for wired-OR bus signaling.
The intended application of these devices and signaling technique is for point-to-point baseband data
transmission over controlled impedance media of approximately 100
Ω. The transmission media may be
printed-circuit board traces, backplanes, or cables. The ultimate rate and distance of data transfer is dependent
upon the attenuation characteristics of the media and the noise coupling to the environment.
The
SN65LVDS32B,
SN65LVDT32B,
SN65LVDS3486B,
SN65LVDT3486B,
SN65LVDS9637B,
and
SN65LVDT9637B are characterized for operation from –40°C to 85°C.
AVAILABLE OPTIONS
NUMBER OF
TERMINATION
PART NUMBER(1)
SYMBOLIZATION
RECEIVERS
RESISTOR
SN65LVDS32BD
4
No
LVDS32B
SN65LVDT32BD
4
Yes
LVDT32B
SN65LVDS3486BD
4
No
LVDS3486
SN65LVDT3486BD
4
Yes
LVDT3486
SN65LVDS9637BD
2
No
DK637B
SN65LVDT9637BD
2
Yes
DR637B
(1)
Add the suffix R for taped and reeled carrier.
2
Submit Documentation Feedback


Similar Part No. - SN65LVDT3486BDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT3486BDR TI-SN65LVDT3486BDR Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDT3486BDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32A TI-SN65LVDS32A_1 Datasheet
233Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com