Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS15-NP Datasheet(PDF) 1 Page - LEM

Part # LTS15-NP
Description  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LTS15-NP Datasheet(HTML) 1 Page - LEM

  LTS15-NP_06 Datasheet HTML 1Page - LEM LTS15-NP_06 Datasheet HTML 2Page - LEM LTS15-NP_06 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1/3
061102/17
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Current Transducer LTS 15-NP
For the electronic measurement of currents : DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal current rms
15
At
I
PM
Primary current, measuring range
0 .. ± 48
At
Î
PDC
Overload capability (direct current)
250
At
V
OUT
Analog output voltage @ I
P
2.5 ± (0.625
·I
P/IPN) V
I
P = 0
2.5 1)
V
N
S
Number of secondary turns (± 0.1 %)
2000
R
L
Load resistance
≥ 2
k
R
IM
Internal measuring resistance (± 0.5 %)
83.33
TCR
IM
Temperature coefficient of R
IM
< 50
ppm/K
V
C
Supply voltage (± 5 %)
5
V
I
C
Current consumption @ V
C = 5 V
Typ
28+ I
S
2) +(V
OUT/RL) mA
Accuracy - Dynamic performance data
X
Accuracy @ I
PN , TA = 25°C
± 0.2
%
Accuracy with R
IM @ IPN , TA = 25°C
± 0.7
%
ε
L
Linearity error
< 0.1
%
Typ
Maxi
TCV
OUT Temperature coefficient of VOUT @ IP = 0 - 10°C .. + 85°C
65
120 ppm/K
- 40°C .. - 10°C
170 ppm/K
TCG
Temperature coefficient of G
- 40°C .. + 85°C
50 3)ppm/K
V
OM
Magnetic offset voltage @ I
P = 0,
after an overload of 3 x I
PN
± 0.5
mV
5 x I
PN
± 2.0
mV
10 x I
PN
± 2.0
mV
t
r a
Reaction time @ 10 % of I
PN
< 100
n s
t
r
Response time to 90 % of I
PN step
< 400
ns
di/dt
di/dt accurately followed
> 35
A/µ s
BW
Frequency bandwidth (0 .. - 0.5 dB)
DC .. 100
kHz
(- 0.5 .. 1 dB)
DC .. 200
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 100
°C
m
Mass
10
g
Standards
EN 50178
: 1997
IEC 60950-1: 2001
Notes:
1) Absolute value @ T
A = 25°C,
2.475 < V
OUT < 2.525
2) I
S= IP/N S
3) Only due to TCR
IM.
Features
Closed loop (compensated) multi-
range current transducer using the
Hall effect
Unipolar voltage supply
Compact design for PCB mounting
Isolated plastic case recognized
according to UL 94-V0
Incorporated measuring resistance
Extended measuring range.
Advantages
Excellent accuracy
Very good linearity
Very low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capability.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications.
Application domain
Industrial.
I
PN = 15
At
Copyright protected.
16058


Similar Part No. - LTS15-NP_06

ManufacturerPart #DatasheetDescription
logo
LEM
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
More results

Similar Description - LTS15-NP_06

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com