Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV161ADG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74LV161ADG4
Description  4-BIT SYNCHRONOUS BINARY CONTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV161ADG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LV161ADG4 Datasheet HTML 5Page - Texas Instruments SN74LV161ADG4 Datasheet HTML 6Page - Texas Instruments SN74LV161ADG4 Datasheet HTML 7Page - Texas Instruments SN74LV161ADG4 Datasheet HTML 8Page - Texas Instruments SN74LV161ADG4 Datasheet HTML 9Page - Texas Instruments SN74LV161ADG4 Datasheet HTML 10Page - Texas Instruments SN74LV161ADG4 Datasheet HTML 11Page - Texas Instruments SN74LV161ADG4 Datasheet HTML 12Page - Texas Instruments SN74LV161ADG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SN54LV161A, SN74LV161A
4BIT SYNCHRONOUS BINARY COUNTERS
SCLS404F − APRIL 1998 − REVISED DECEMBER 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV161A
SN74LV161A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
CL = 15 pF
50*
125*
40*
40
MHz
fmax
CL = 50 pF
30
95
25
25
MHz
Q
7.9*
16.2*
1*
19.5*
1
19.5
tpd
CLK
RCO
(count mode)
8.9*
17*
1*
20.5*
1
20.5
tpd
CLK
RCO
(preset mode)
CL = 15 pF
11.9*
20.6*
1*
24.5*
1
24.5
ns
ENT
RCO
L
8.3*
15.7*
1*
19*
1
19
tPHL
CLR
Q
8.8*
17*
1*
20.5*
1
20.5
tPHL
CLR
RCO
9.8*
16.6*
1*
20*
1
20
Q
10.5
19.2
1
22.5
1
22.5
tpd
CLK
RCO
(count mode)
11.7
20
1
23.5
1
23.5
tpd
CLK
RCO
(preset mode)
CL = 50 pF
14.5
23.6
1
27.5
1
27.5
ns
ENT
RCO
L
11
18.7
1
22
1
22
tPHL
CLR
Q
11.4
20
1
23.5
1
23.5
tPHL
CLR
RCO
12.6
19.6
1
23
1
23
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV161ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV161ADGVR TI-SN74LV161ADGVR Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN74LV161ADGVR TI-SN74LV161ADGVR Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN74LV161ADGVRE4 TI-SN74LV161ADGVRE4 Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results

Similar Description - SN74LV161ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com