Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA5010 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA5010 Datasheet HTML 1Page - NXP Semiconductors PCA5010 Datasheet HTML 2Page - NXP Semiconductors PCA5010 Datasheet HTML 3Page - NXP Semiconductors PCA5010 Datasheet HTML 4Page - NXP Semiconductors PCA5010 Datasheet HTML 5Page - NXP Semiconductors PCA5010 Datasheet HTML 6Page - NXP Semiconductors PCA5010 Datasheet HTML 7Page - NXP Semiconductors PCA5010 Datasheet HTML 8Page - NXP Semiconductors PCA5010 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 112 page
background image
1998 Nov 02
2
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
CONTENTS
1
FEATURES
2
ORDERING INFORMATION
3
GENERAL DESCRIPTION
4
BLOCK DIAGRAM
5
PINNING INFORMATION
6
FUNCTIONAL DESCRIPTION
6.1
General
6.2
CPU timing
6.3
Overview on the different clocks used within
the PCA5010
6.4
Memory organization
6.5
Addressing
6.6
I/O facilities
6.7
Timer/event counters
6.8
I2C-bus serial I/O
6.9
Serial interface SIO0: UART
6.10
76.8 kHz oscillator
6.11
Clock correction
6.12
6 MHz oscillator
6.13
Real-time clock
6.14
Wake-up counter
6.15
Tone generator
6.16
Watchdog timer
6.17
2 or 4-FSK demodulator, filter and clock
recovery circuit
6.18
AFC-DAC
6.19
Interrupt system
6.20
Idle and power-down operation
6.21
Reset
6.22
DC/DC converter
7
INSTRUCTION SET
7.1
Instruction Map
8
LIMITING VALUES
9
EXTERNAL COMPONENTS
10
DC CHARACTERISTICS
11
AC CHARACTERISTICS
12
CHARACTERISTIC CURVES
13
TEST AND APPLICATION INFORMATION
14
APPENDIX 1: SPECIAL MODES OF THE
PCA5010
14.1
Overview
14.2
OTP parallel programming mode
14.3
Test modes
15
APPENDIX 2: THE PARALLEL
PROGRAMMING MODE
15.1
Introduction
15.2
General description
15.3
Entering the parallel programming mode
15.4
Address space
15.5
Single byte programming
15.6
Multiple byte programming
15.7
High voltage timing
15.8
OTP test modes
15.9
Signature bytes
15.10
Security
16
APPENDIX 3: OS SHEET
17
APPENDIX 4: BONDING PAD LOCATIONS
18
PACKAGE OUTLINE
19
SOLDERING
19.1
Introduction
19.2
Reflow soldering
19.3
Wave soldering
19.4
Repairing soldered joints
20
DEFINITIONS
21
LIFE SUPPORT APPLICATIONS
22
PURCHASE OF PHILIPS I2C COMPONENTS


Similar Part No. - PCA5010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA5007 PHILIPS-PCA5007 Datasheet
604Kb / 112P
   Pager baseband controller
1998 Oct 07
PCA5007H PHILIPS-PCA5007H Datasheet
604Kb / 112P
   Pager baseband controller
1998 Oct 07
logo
Adam Technologies, Inc.
PCA503HL320 ADAM-TECH-PCA503HL320 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR
PCA503HU320 ADAM-TECH-PCA503HU320 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR
PCA503V320 ADAM-TECH-PCA503V320 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR
More results

Similar Description - PCA5010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA5007 PHILIPS-PCA5007 Datasheet
604Kb / 112P
   Pager baseband controller
1998 Oct 07
logo
Holtek Semiconductor In...
HT9480 HOLTEK-HT9480 Datasheet
1Mb / 57P
   Pager Controller
HT9580 HOLTEK-HT9580 Datasheet
444Kb / 63P
   Character Pager Controller
logo
NXP Semiconductors
PCD5094 PHILIPS-PCD5094 Datasheet
85Kb / 16P
   DECT baseband controller
1997 Jul 21
PCD5092 PHILIPS-PCD5092 Datasheet
85Kb / 16P
   DECT baseband controller
1997 Jul 21
PCD5095 PHILIPS-PCD5095 Datasheet
83Kb / 16P
   DECT baseband controller
1997 Nov 19
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
PCD5091 PHILIPS-PCD5091 Datasheet
128Kb / 16P
   DECT baseband controller
1997 Jul 21
PCD5093 PHILIPS-PCD5093 Datasheet
85Kb / 16P
   DECT baseband controller
1997 Jul 21
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com