Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV100 Datasheet(PDF) 1 Page - LEM

Part # LV100
Description  Voltage Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LV100 Datasheet(HTML) 1 Page - LEM

  LV100_03 Datasheet HTML 1Page - LEM LV100_03 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage Transducer LV 100
For the electronic measurement of voltages : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high voltage)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
10
mA
I
P
Primary current, measuring range
0 .. ± 20
mA
R
M
Measuring resistance
R
M min
R
Mmax
with ± 15 V
@ ± 10 mA
max
0
150
@ ± 20 mA
max
0
50
I
SN
Secondary nominal r.m.s. current
50
mA
K
N
Conversion ratio
10000 : 2000
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
10 + I
S
mA
V
d
R.m.s. voltage for AC isolation test 1), 50 Hz, 1 mn
6
kV
Accuracy - Dynamic performance data
X
G
Overall Accuracy @ I
PN , TA = 25°C
± 0.7
%
ε
L
Linearity
< 0.1
%
Typ
Max
I
O
Offset current @ I
P = 0, TA = 25°C
± 0.2
mA
I
OT
Thermal drift of I
O
0°C .. + 70°C
± 0.2
± 0.3
mA
t
r
Response time 2) @ 90 % of V
PN
20 .. 100
µs
General data
T
A
Ambient operating temperature
0 .. + 70
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
R
P
Primary coil resistance @ T
A = 70°C
1900
R
S
Secondary coil resistance @ T
A = 70°C
60
m
Mass
460
g
Standards
EN 50178
Notes : 1) Between primary and secondary
2) R
1 = 100 kΩ (L/R constant, produced by the resistance and inductance
of the primary circuit).
Features
Closed loop (compensated) voltage
transducer using the Hall effect
Insulated plastic case recognized
according to UL 94-V0.
Principle of use
For voltage measurements, a current
proportional to the measured voltage
must be passed through an external
resistor R
1 which is selected by the
user and installed in series with the
primary circuit of the transducer.
Advantages
Excellent accuracy
Very good linearity
Low thermal drift
Low response time
High bandwidth
High immunity to external
interference
Low disturbance in common mode.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Power supplies for welding
applications.
030131/6
I
PN
= 10 mA
V
PN =
100 .. 2500 V
LEM Components
www .lem.com


Similar Part No. - LV100_03

ManufacturerPart #DatasheetDescription
logo
LEM
LV100-100 LEM-LV100-100 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-100
LV100-100 LEM-LV100-100 Datasheet
58Kb / 2P
   Voltage Transducer
LV100-1000 LEM-LV100-1000 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-1000
LV100-1000 LEM-LV100-1000 Datasheet
57Kb / 2P
   Voltage Transducer
LV100-1000 LEM-LV100-1000_03 Datasheet
57Kb / 2P
   Voltage Transducer
More results

Similar Description - LV100_03

ManufacturerPart #DatasheetDescription
logo
LEM
LV25P LEM-LV25P Datasheet
69Kb / 2P
   VOLTAGE TRANSDUCER
LV25-P LEM-LV25-P_12 Datasheet
207Kb / 3P
   Voltage Transducer
CV3-1000 LEM-CV3-1000 Datasheet
716Kb / 3P
   Voltage Transducer
LV100-3000 LEM-LV100-3000_03 Datasheet
66Kb / 2P
   Voltage Transducer
LV20-P LEM-LV20-P Datasheet
45Kb / 2P
   Voltage Transducer
AV100-2000 LEM-AV100-2000 Datasheet
51Kb / 2P
   Voltage Transducer
CV3-500 LEM-CV3-500 Datasheet
40Kb / 2P
   Voltage Transducer
LV100-300 LEM-LV100-300_03 Datasheet
42Kb / 2P
   Voltage Transducer
LV100-100 LEM-LV100-100_03 Datasheet
58Kb / 2P
   Voltage Transducer
LV100-200 LEM-LV100-200_03 Datasheet
57Kb / 2P
   Voltage Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com