Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV100-150 Datasheet(PDF) 2 Page - LEM

Part # LV100-150
Description  Voltage Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LV100-150 Datasheet(HTML) 2 Page - LEM

  LV100-150 Datasheet HTML 1Page - LEM LV100-150 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Front view
Top view
Left view
Dimensions LV 100-150 (in mm. 1 mm = 0.0394 inch)
Remarks
I
S is positive when VP is applied on terminal +HT.
The primary circuit of the transducer must be linked to the
connections where the voltage has to be measured.
This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Connection
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Mechanical characteristics
General tolerance
± 0.3 mm
Transducer fastening
2 holes
∅ 6.5 mm
M6 steel screws
Fastening torque max
5 Nm or 3.69 Lb - Ft.
Connection of primary
M5 threaded studs
Connection of secondary
Faston 6.3 x 0.8 mm
Connection to the ground
M5 threaded stud
Fastening torque max
2.2 Nm or 1.62 Lb. -Ft.


Similar Part No. - LV100-150

ManufacturerPart #DatasheetDescription
logo
LEM
LV100-150 LEM-LV100-150 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-150
LV100-1500 LEM-LV100-1500 Datasheet
66Kb / 2P
   Voltage Transducer LV 100-1500
LV100-1500 LEM-LV100-1500 Datasheet
57Kb / 2P
   Voltage Transducer
LV100-1500 LEM-LV100-1500_03 Datasheet
57Kb / 2P
   Voltage Transducer
More results

Similar Description - LV100-150

ManufacturerPart #DatasheetDescription
logo
LEM
LV25P LEM-LV25P Datasheet
69Kb / 2P
   VOLTAGE TRANSDUCER
LV25-P LEM-LV25-P_12 Datasheet
207Kb / 3P
   Voltage Transducer
CV3-1000 LEM-CV3-1000 Datasheet
716Kb / 3P
   Voltage Transducer
LV100-3000 LEM-LV100-3000_03 Datasheet
66Kb / 2P
   Voltage Transducer
LV20-P LEM-LV20-P Datasheet
45Kb / 2P
   Voltage Transducer
AV100-2000 LEM-AV100-2000 Datasheet
51Kb / 2P
   Voltage Transducer
CV3-500 LEM-CV3-500 Datasheet
40Kb / 2P
   Voltage Transducer
LV100-300 LEM-LV100-300_03 Datasheet
42Kb / 2P
   Voltage Transducer
LV100 LEM-LV100_03 Datasheet
56Kb / 2P
   Voltage Transducer
LV100-100 LEM-LV100-100_03 Datasheet
58Kb / 2P
   Voltage Transducer
LV100-200 LEM-LV100-200_03 Datasheet
57Kb / 2P
   Voltage Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com