Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C925 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74C925
Description  4-Digit Counters with Multiplexed
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C925 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74C925 Datasheet HTML 1Page - Fairchild Semiconductor MM74C925 Datasheet HTML 2Page - Fairchild Semiconductor MM74C925 Datasheet HTML 3Page - Fairchild Semiconductor MM74C925 Datasheet HTML 4Page - Fairchild Semiconductor MM74C925 Datasheet HTML 5Page - Fairchild Semiconductor MM74C925 Datasheet HTML 6Page - Fairchild Semiconductor MM74C925 Datasheet HTML 7Page - Fairchild Semiconductor MM74C925 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 3)
TA = 25°C, CL = 50 pF, unless otherwise noted
Note 3: AC Parameters are guaranteed by DC correlated testing.
Note 4: Capacitance is guaranteed by periodic testing.
Typical Performance Characteristics
Typical Segment Current
vs Output Voltage
Note: VD = Voltage across digit driver
Maximum Power Dissipation
vs Ambient Temperature
Typical Average Segment
Current vs Segment
Resistor Value
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fMAX
Maximum Clock Frequency
VCC = 5V,
Tj = 25°C2
4
MHz
Square Wave Clock Tj = 100°C1.5
3
MHz
tr, tf
Maximum Clock Rise or Fall Time
VCC = 5V
15
µs
tWR
Reset Pulse Width
VCC = 5V
Tj = 25°C
250
100
ns
Tj = 100°C
320
125
ns
tWLE
Latch Enable Pulse Width
VCC = 5V
Tj = 25°C
250
100
ns
Tj = 100°C
320
125
ns
tSET(CK, LE) Clock to Latch Enable Set-Up Time
VCC = 5V
Tj = 25°C
2500
1250
ns
Tj = 100°C
3200
1600
ns
tLR
Latch Enable to Reset Wait Time
VCC = 5V
Tj = 25°C0
−100
ns
Tj = 100°C0
−100
ns
tSET(R, LE)
Reset to Latch Enable Set-Up Time
VCC = 5V
Tj = 25°C
320
160
ns
Tj = 100°C
400
200
ns
fMUX
Multiplexing Output Frequency
VCC = 5V
1000
Hz
CIN
Input Capacitance
Any Input (Note 4)
5
pF


Similar Part No. - MM74C925

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C925 FAIRCHILD-MM74C925 Datasheet
97Kb / 9P
   4-Digit Counters with Multiplexed
logo
National Semiconductor ...
MM74C925 NSC-MM74C925 Datasheet
204Kb / 8P
   4-Digit Counters with Multiplexed 7-Segment Output Drivers
logo
Fairchild Semiconductor
MM74C925N FAIRCHILD-MM74C925N Datasheet
97Kb / 9P
   4-Digit Counters with Multiplexed
More results

Similar Description - MM74C925

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C925 FAIRCHILD-MM74C925 Datasheet
97Kb / 9P
   4-Digit Counters with Multiplexed
logo
Micro Electronics
MMC22926 MICRO-ELECTRONICS-MMC22926 Datasheet
157Kb / 5P
   4 DIGIT COUNTERS WITH MULTIPLEXED 7 SEGMENT OUTPUT DRIVERS
logo
National Semiconductor ...
MM74C925 NSC-MM74C925 Datasheet
204Kb / 8P
   4-Digit Counters with Multiplexed 7-Segment Output Drivers
ADD3701 NSC-ADD3701 Datasheet
297Kb / 10P
   3 3/4 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
logo
Texas Instruments
SN74LS693 TI-SN74LS693 Datasheet
532Kb / 11P
[Old version datasheet]   SYNCHRONOUS COUNTERS WITH OUTPUT REGISTERS AND MULTIPLEXED 3-STATE OUTPUTS
SN54LS696 TI1-SN54LS696_09 Datasheet
487Kb / 13P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH OUTPUT REGISTERS AMD MULTIPLEXED 3-STATE OUTPUTS
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135 Datasheet
624Kb / 12P
   4쩍 Digit A/D Converter with Multiplexed BCD Outputs
19-5041; Rev 0; 1987
logo
Texas Instruments
SN54LS696 TI-SN54LS696 Datasheet
274Kb / 11P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH OUTPUT REGISTERS AMD MULTIPLEXED 3-STATE OUTPUTS
SN74LS698 TI-SN74LS698 Datasheet
565Kb / 10P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH OUTPUT REGISTERS AND MULTIPLEXED 3-STATE OUTPUTS
logo
National Semiconductor ...
ADD3501 NSC-ADD3501 Datasheet
276Kb / 9P
   3 1/2 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com