Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-36 Datasheet(PDF) 2 Page - Zoran Corporation

Part # PM-36
Description  JPEG Image Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

PM-36 Datasheet(HTML) 2 Page - Zoran Corporation

  PM-36 Datasheet HTML 1Page - Zoran Corporation PM-36 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Driving the Digital Lifestyle
Driving the Digital Lifestyle
PM-36 Capabilities
The PM-36 enables the following combinations of operations to be
performed on the data stream during one pass through the device:
• Raster format image data: Converted to Block mode, subsampled
2:1, and JPEG encoded
• Block format image data: JPEG encoded
• JPEG-encoded data: JPEG decoded to raw format, upsampled
2:1, and output in Block or Raster format
Design Considerations
The PM-36 can be easily integrated into a variety of systems.
Design features include:
• A simple peripheral interface for use with any standard processor
• Programmable control port bus width (16 or 32 bits)
• Flexible input and output ports, which simplify system design
• Input and output ports can be sized at 8, 16, 24, or 32 bits wide
and contain bit, byte and word order controls to match any
processor bus requirements
• 256-byte buffer on both input and output ports can minimize or
even eliminate external buffering requirements
• High speed I/O modes, synchronous FIFO and Burst DMA modes
The PM-36 requires little in the way of external support chips. A
minimal system requires only a frequency source. An external
SRAM array (up to 4 MB) may be added to enable raster format
data streams. The external SRAM is used to store input or output
lines for raster-to-block or block-to-raster conversion operations
PM-36 Specifications
Formats Supported
• Grayscale pixels in Raster or Block format (8 bits per pixel)
• Color pixels in Raster or Block format (8 bits per component)
• JPEG-encoded data
Electrical Specification
• 3.3 Volt power supply
• 5 Volt tolerant I/O (TTL-compatible I/O)
• Designed and fabricated in 0.35 micron standard cell technology
• Available industry-standard 208 PQFP package with 0.5 mm
lead spacing
• Also available in lead-free “green” packaging
01/06-MMCP
Imaging-PM-36-PB-1.2
PM-36
JPEG Image Processor
Product Brief
Descriptions (continued)
PM-36 Block Diagram
I/O Interface
Input/Output
FIFO
Data In
8/16/24
or 32 bit
© Copyright 1999-2006 Zoran Corporation. All rights reserved. Zoran and the Zoran logo are trademarks of Zoran Corporation. All other names used are owned by their respective owners. Zoran Corporation makes no guarantee concerning the
accuracy of the information contained herein and further does not guarantee that the use of such information will not infringe the rights of any third party. Zoran will not be responsible for any loss or damage of whatever nature resulting from the
use of, or reliance upon, the information. Zoran reserves the right to make changes in the product and/or specifications presented herein at any time without notice.
Zoran Corporation
www.zoran.com
imaging.usa@zoran.com
imaging.japan@zoran.com
imaging.taiwan@zoran.com
imaging.korea@zoran.com
Interpolator
Command
I/F
Huffman
Tables
SRAM
I/F
FDCT/
IDCT
Zig-Zag
Quantizer
Q Tables
Huffman
Codec
Data Out
8/16/24
or 32 bit
Control Data
16 or 32 bits
Address
20 bits
Data
32 bits


Similar Part No. - PM-36

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-3008 PMI-PM-3008 Datasheet
64Kb / 4P
   SMALL OUTLINE 10/100BASE-T ISOLATION TRANSFORMERS
PM-3009 PMI-PM-3009 Datasheet
64Kb / 4P
   SMALL OUTLINE 10/100BASE-T ISOLATION TRANSFORMERS
logo
DATEL, Inc.
PM-35LC-ADV DATEL-PM-35LC-ADV Datasheet
548Kb / 7P
   LCD Display Digital Panel Meters with Fully-Adjustable Analog Inputs
PM-35LC-ADV-01 DATEL-PM-35LC-ADV-01 Datasheet
155Kb / 1P
   3.5 Digit LCD Backlit Green
PM-35LC-ADV-01 DATEL-PM-35LC-ADV-01 Datasheet
548Kb / 7P
   LCD Display Digital Panel Meters with Fully-Adjustable Analog Inputs
More results

Similar Description - PM-36

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C101 ATMEL-AT76C101 Datasheet
111Kb / 13P
   JPEG Image Compression Processor
logo
List of Unclassifed Man...
ZR36050 ETC-ZR36050 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
logo
Rohm
BU6566GVW ROHM-BU6566GVW_09 Datasheet
431Kb / 17P
   Camera Image Processors Compatible with JPEG Image
logo
List of Unclassifed Man...
SSD1926 ETC2-SSD1926 Datasheet
287Kb / 47P
   JPEG Coder SD interface 256K Embedded Display SRAM Image Processor CMOS
TC5747 ETC2-TC5747 Datasheet
2Mb / 44P
   Single Chip CMOS Imager with Integrated Image Signal Processor and JPEG Codec
logo
Sanyo Semicon Device
LC8220 SANYO-LC8220 Datasheet
191Kb / 13P
   JPEG Still Color Image Compression/Decompression LSI
logo
List of Unclassifed Man...
KL5A71006 ETC-KL5A71006 Datasheet
400Kb / 2P
   JPEG STILL COLOR IMAGE DATA COMPRESSION/DECOMPRESSION LSI
logo
Zoran Corporation
PM-22 ZORAN-PM-22 Datasheet
67Kb / 2P
   Multifunction Image Processor
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
   Video Image Processor
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
   Facsimile Image Data Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com