Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC02 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC02
Description  Quad 2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC02 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC02 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC02 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC02 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC02 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC02 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC02 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC02 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
VCC = 2.0V to 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC
2 f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Limit
Units
tPHL, tPLH
Maximum Propagation
Delay
815
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Propagation
2.0V
45
90
113
134
ns
Delay
4.5V
9
18
23
27
ns
6.0V
8
15
19
23
ns
tTLH, tTHL
Maximum Output Rise
2.0V
30
75
95
110
ns
and Fall Time
4.5V
8
15
19
22
ns
6.0V
7
13
16
19
ns
CPD
Power Dissipation
(per gate)
20
pF
Capacitance (Note 5)
CIN
Maximum Input
5
10
10
10
pF
Capacitance


Similar Part No. - MM74HC02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC02 FAIRCHILD-MM74HC02 Datasheet
77Kb / 6P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
MM74HC02 NSC-MM74HC02 Datasheet
102Kb / 4P
   Quad 2-Input NOR Gate
logo
ON Semiconductor
MM74HC02 ONSEMI-MM74HC02 Datasheet
264Kb / 8P
   Quad 2-Input NOR Gate
March 2015 Rev. 1.4
logo
Fairchild Semiconductor
MM74HC02M FAIRCHILD-MM74HC02M Datasheet
77Kb / 6P
   Quad 2-Input NOR Gate
logo
ON Semiconductor
MM74HC02M ONSEMI-MM74HC02M Datasheet
264Kb / 8P
   Quad 2-Input NOR Gate
March 2015 Rev. 1.4
More results

Similar Description - MM74HC02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com