Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-2060I Datasheet(PDF) 1 Page - Zoran Corporation

Part # PM-2060I
Description  Precision Digital Modulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

PM-2060I Datasheet(HTML) 1 Page - Zoran Corporation

  PM-2060I Datasheet HTML 1Page - Zoran Corporation PM-2060I Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Driving the Digital Lifestyle
Driving the Digital Lifestyle
Imaging
Software
Processors
Quatro SOCs
Solutions
www.zoran.com
Zoran Corporation
1390 Kifer Road
Sunnyvale, CA 94086-5305
01/06-MMCP
Imaging-PM-2060i-PB-1.2
• Complete, single-chip laser resolution enhancement solutions
reduces overall cost and time-to-market
• Best edge enhancement available
• High-resolution rendering
• Multi-bit color and grayscale rendering for photo-realistic output
• Full support for monochrome and four-color printing
• Text and line-art edge enhancement
• 2x high-resolution rendering (vertical and horizontal)
• Multi-bit (contone) input mode
• Contone Auto Position mode
• Economy mode reduces toner used while preserving print quality
• Full support for four-color printing
• Two source data input modes (serial video, parallel video)
• On-chip precision digital modulator
(66 MHz max/3 MHz min video rate)
• Multiple print engine resolution support - 300 to 800 dpi
• Internal beam detection synchronization
• Internal line store memory
• Internal print engine calibration table
• Supports 13.65" maximum scan line length at 600 dpi
Benefits
Key Features
The PM-2060i Precision Digital Modulator delivers the highest
quality resolution enhancement available today. The PM-2060i is
a single-chip solution that addresses all image enhancement
functionality for virtually any resolution laser printer,
multifunction peripheral (MFP), laser fax, or digital laser copier.
The PM-2060i supports engine speeds up to 60 pages per
minute at 600 dpi independent of page description language,
CPU, compression scheme, or host application. The result is a
complete enhancement solution that maximizes performance,
while minimizing development time, cost and complexity.
High Integration
The PM-2060i is a completely integrated resolution enhancement
solution for color and monochrome laser printing devices. It
combines all the circuitry required to implement text and line-art edge
enhancement, high-resolution rendering, and multi-bit color and
grayscale rendering. The PM-2060i has serial and parallel data
interfaces, internal line store memory, internal precision digital
modulator, internal LUT memory, and clock scaling circuitry. It
requires no external memory, delay lines, or phase-locked loops
(PLLs).
Superior Enhancement
Based on Zoran's proprietary image enhancement technology, the
PM-2060i offers a range of advanced image enhancement modes:
High-resolution Rendering, Edge Enhancement, Multi-bit Color and
Grayscale Rendering, and Contone Auto Position.
High-Resolution Rendering
This mode accepts 2x source data, rendering 1200 dpi text, line-art
and images on 600 dpi engines. The PM-2060i prints the 1200 dpi
input data using precision digital modulation, doubling both the
horizontal and vertical resolution of a 600 dpi engine.
Edge Enhancement
This eliminates "jaggies" to improve the appearance of text and
lineart. The PM-2060i uses the industry's largest analysis window to
generate the dot size and position information for the internal
modulator, which has sub-nanosecond precision. The result is an
effective doubling of the resolution of text and line-art. For MFP and
low-end applications, the edge enhancement feature can also scale
source data at 1/3 and 1/2 resolution of the print engine, while
enhancing output.
Multi-bit Color and Grayscale Rendering
The multi-bit modes accept up to 8-bit-per-pixel input data
(600x600x8, 600x600x4, etc.) to produce 256 shades per color
plane for true photo-realistic output. The PM-2060i screens image
data or accepts pre-screened image data and outputs to the print
engine using the internal digital precision modulator. The multi-bit
modes are ideal for printing scanned images or for printing from
contone-capable PDLs.
Description
PM-2060i
Precision Digital Modulator
Product Brief


Similar Part No. - PM-2060I

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-20 MEANWELL-PM-20 Datasheet
371Kb / 2P
   20W Output Switching Power Supply
PM-20 MEANWELL-PM-20 Datasheet
372Kb / 2P
   20W Output Switching Power Supply
PM-20-12 MEANWELL-PM-20-12 Datasheet
371Kb / 2P
   20W Output Switching Power Supply
PM-20-12 MEANWELL-PM-20-12 Datasheet
372Kb / 2P
   20W Output Switching Power Supply
PM-20-12 MEANWELL-PM-20-12 Datasheet
387Kb / 2P
   20W Output Switching Power Supply
More results

Similar Description - PM-2060I

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
PM-1075 ZORAN-PM-1075 Datasheet
66Kb / 2P
   Precision Digital Modulator
PM-1100 ZORAN-PM-1100 Datasheet
65Kb / 2P
   Precision Digital Modulator/Synthesizer
logo
Panasonic Semiconductor
AN6494NSA PANASONIC-AN6494NSA Datasheet
66Kb / 6P
   Digital Communication Orthogonal Modulator IC
logo
Analog Devices
AD9853 AD-AD9853_15 Datasheet
334Kb / 31P
   Programmable Digital QPSK/16-QAM Modulator
REV. C
logo
Intersil Corporation
CDP68HC68W1 INTERSIL-CDP68HC68W1 Datasheet
43Kb / 9P
   CMOS Serial Digital Pulse Width Modulator
March 1998
logo
Analog Devices
AD9853 AD-AD9853 Datasheet
335Kb / 31P
   Programmable Digital OPSK/16-QAM Modulator
REV. C
logo
STMicroelectronics
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
   2.0 digital audio processor with FFX digital modulator and analog and digital inputs
logo
Intersil Corporation
ISL28022 INTERSIL-ISL28022 Datasheet
795Kb / 28P
   Precision Digital Power Monitor
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com