Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC04SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC04SJ
Description  Hex Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC04SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC04SJ Datasheet HTML 1Page - Fairchild Semiconductor MM74HC04SJ Datasheet HTML 2Page - Fairchild Semiconductor MM74HC04SJ Datasheet HTML 3Page - Fairchild Semiconductor MM74HC04SJ Datasheet HTML 4Page - Fairchild Semiconductor MM74HC04SJ Datasheet HTML 5Page - Fairchild Semiconductor MM74HC04SJ Datasheet HTML 6Page - Fairchild Semiconductor MM74HC04SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005069
www.fairchildsemi.com
September 1983
Revised January 2005
MM74HC04
Hex Inverter
General Description
The MM74HC04 inverters utilize advanced silicon-gate
CMOS technology to achieve operating speeds similar to
LS-TTL gates with the low power consumption of standard
CMOS integrated circuits.
The MM74HC04 is a triple buffered inverter. It has high
noise immunity and the ability to drive 10 LS-TTL loads.
The 74HC logic family is functionally as well as pin-out
compatible with the standard 74LS logic family. All inputs
are protected from damage due to static discharge by inter-
nal diode clamps to VCC and ground.
Features
s Typical propagation delay: 8 ns
s Fan out of 10 LS-TTL loads
s Quiescent power consumption: 10
µW maximum at
room temperature
s Low input current: 1
µA maximum
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Logic Diagram
1 of 6 Inverters
Order Number
Package
Package Description
Number
MM74HC04M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC04M_NL
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC04SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC04MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC04MTC_NL
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
MM74HC04N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
MM74HC04N_NL
N14A
Pb-Free 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - MM74HC04SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC04SJ FAIRCHILD-MM74HC04SJ Datasheet
77Kb / 6P
   Hex Inverter
MM74HC04SJ FAIRCHILD-MM74HC04SJ Datasheet
334Kb / 9P
   Hex Inverter
logo
ON Semiconductor
MM74HC04SJ ONSEMI-MM74HC04SJ Datasheet
236Kb / 5P
   Hex Inverter
September-2017,Rev.2
logo
Fairchild Semiconductor
MM74HC04SJX FAIRCHILD-MM74HC04SJX Datasheet
77Kb / 6P
   Hex Inverter
More results

Similar Description - MM74HC04SJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com