Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8515P Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA8515P
Description  Stand-alone OSD
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8515P Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA8515P Datasheet HTML 7Page - NXP Semiconductors PCA8515P Datasheet HTML 8Page - NXP Semiconductors PCA8515P Datasheet HTML 9Page - NXP Semiconductors PCA8515P Datasheet HTML 10Page - NXP Semiconductors PCA8515P Datasheet HTML 11Page - NXP Semiconductors PCA8515P Datasheet HTML 12Page - NXP Semiconductors PCA8515P Datasheet HTML 13Page - NXP Semiconductors PCA8515P Datasheet HTML 14Page - NXP Semiconductors PCA8515P Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
1995 Jan 19
11
Philips Semiconductors
Preliminary specification
Stand-alone OSD
PCA8515
8
DISPLAY RAM ORGANIZATION
The display RAM is organized as 256
× 13 bits. The
general format of each RAM location is as follows.
Bits <12-5> hold character data and allow a choice from
253 customer designed character fonts to be selected or
one of three reserved codes. Bits <4-0> contain the
attributes of the character font, for example colour,
character size etc.
8.1
Description of display RAM codes
There are four data formats for display RAM code:
1. Character Font Code
2. Test Code
3. Carriage Return Code
4. Space Code.
The above data formats allow great flexibility in the
creation of On Screen Displays; see Fig.8.
8.1.1
CHARACTER FONT CODE
If bits <12-5> are in the range (00H to FCH), then this is a
Character Font Code. 1 of 253 customer designed
character fonts can be selected. Bits <4-1> determine the
colour of the character, a choice of 16 colours being
available. Bit <0> determines whether the character blinks
or not. The format of the Character Font Code is shown in
Table 2.
8.1.2
TEST CODE
If bits <12-5> hold FDH, then this is a special code
reserved for testing purposes only.
8.1.3
CARRIAGE RETURN CODE
If bits <12-5> hold FEH, then this is the Carriage Return
Code. A transparent pattern will be displayed on the
screen and the next character will be displayed at the
beginning of the next line. Bits <4-3> select the size of the
of the characters to be displayed on the next line.
Bits <2-1> determine the spacing between lines of
displayed characters. Bit <0> is the End-of Display bit and
indicates the end of display of the current screen before
exhaustion of display RAM (i.e. before the 256th RAM
location). The format of the Carriage Return Code is
shown in Table 3.
8.1.4
SPACE CODE
If bits <12-5> hold FFH, then this is the Space Code. A
transparent pattern, equal to one character width, will be
displayed on the screen. A mask programmable option is
available that allows the space character to be transparent
or to have a programmable background colour;
see Section 13.1. Bits <4-1> determine the background
colour of the characters that follow the Space Code in both
the Box shadowing and North West shadowing modes.
Bit <0> is the Active Character Monitor (ACM)
enable/disable bit. The ACM signal is specifically for use in
camrecorder applications where part of the display is to be
recorded on tape and displayed on the screen, whilst the
remaining part is for display only. Figure 9 shows a typical
ACM application. During the back-tracing period R, G, B, I,
FB and ACM are inactive. The format of the Space Code
is shown in Table 4.
Table 2 Format of Character Font Code
Table 3 Format of Carriage Return Code
Table 4 Format of Space Code
12
11
10
987654321
0
C7
C6
C5
C4
C3
C2
C1
C0
T4
T3
T2
T1
T0
Character Font Code (00H - FCH)
Foreground colour
Blink
12
11
10
9876543210
C7
C6
C5
C4
C3
C2
C1
C0
T4
T3
T2
T1
T1
Carriage Return Code (FEH)
Character size
Line Spacing
End
12
11
10
987654321
0
C7
C6
C5
C4
C3
C2
C1
C0
T4
T3
T2
T1
T0
Space Code (FFH)
Background colour
ACM


Similar Part No. - PCA8515P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA85132 NXP-PCA85132 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA85132U NXP-PCA85132U Datasheet
547Kb / 54P
   Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA85132U NXP-PCA85132U Datasheet
495Kb / 55P
   Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCA85132U NXP-PCA85132U Datasheet
494Kb / 54P
   Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCA85132U NXP-PCA85132U Datasheet
652Kb / 51P
   Universal 36 횞 4 LCD segment driver
More results

Similar Description - PCA8515P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
PCA8516 PHILIPS-PCA8516 Datasheet
403Kb / 64P
   Stand-alone OSD
1995 Mar 30
logo
Samsung semiconductor
S5D2510 SAMSUNG-S5D2510 Datasheet
267Kb / 32P
   stand-alone OSD Processor
logo
NXP Semiconductors
PCB8517 PHILIPS-PCB8517 Datasheet
740Kb / 24P
   Stand-alone OSD for monitor applications
1997 Mar 03
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
   Stand Alone Inclinometer
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
   STAND-ALONE MICROSEQUENCER
logo
ATMEL Corporation
AT89STK-11 ATMEL-AT89STK-11 Datasheet
874Kb / 23P
   Stand-alone Board
logo
VTI technologies
SCA111T VTI-SCA111T Datasheet
212Kb / 2P
   Stand Alone Inclinometer
SCA115T VTI-SCA115T Datasheet
297Kb / 2P
   Stand Alone Inclinometer
logo
ATMEL Corporation
AT89SND2CMP3B ATMEL-AT89SND2CMP3B_14 Datasheet
2Mb / 242P
   Stand-alone MP3 Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com