Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC163 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # MM74HC163
Description  Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC163 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  MM74HC163 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC163 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC163 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC163 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC163 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC163 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC163 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC163 Datasheet HTML 8Page - Fairchild Semiconductor MM74HC163 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Continued)
Note 6: CPD determines the no load dynamic power consumption, PD = CPD VCC
2 f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Logic Waveforms
Synchronous Binary Counters Typical Clear, Preset, Count and Inhibit Sequences
Sequence: (1) Clear outputs to zero (2) Preset to binary twelve (3) Count to thirteen, fourteen, fifteen, zero, one and two (4) Inhibit
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
tS
Minimum Setup
2.0V
175
220
260
ns
Time Enable
4.5V
35
44
52
to Clock
6.0V
30
37
44
tH
Minimum Hold Time
2.0V
50
63
75
ns
Data from Clock
4.5V
10
13
15
6.0V
9
11
13
tH
Minimum Hold Time
2.0V
0
0
0
ns
Enable, Load or Clear
4.5V
0
0
0
to Clock
6.0V
0
0
0
tW
Minimum Pulse Width
2.0V
80
100
120
ns
Clock, Clear, or
4.5V
16
20
24
Load
6.0V
14
17
20
tTLH, tTHL
Maximum
2.0V
40
75
95
110
ns
Output Rise and
4.5V
8
15
19
22
Fall Time
6.0V
7
13
16
19
tr, tf
Maximum Input Rise
2.0V
1000
1000
1000
ns
and Fall Time
4.5V
500
500
500
500
6.0V
400
400
400
CPD
Powert Dissipation
(per package)
90
pF
Capacitance (Note 6)
CIN
Maximum Input Capacitance
5
10
10
10
pF


Similar Part No. - MM74HC163

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC163 FAIRCHILD-MM74HC163 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
National Semiconductor ...
MM74HC163 NSC-MM74HC163 Datasheet
148Kb / 6P
   Synchronous Decade Counter with Asynchronous Clear
logo
Fairchild Semiconductor
MM74HC163M FAIRCHILD-MM74HC163M Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
MM74HC163MTC FAIRCHILD-MM74HC163MTC Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
MM74HC163N FAIRCHILD-MM74HC163N Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
More results

Similar Description - MM74HC163

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
National Semiconductor ...
74LVX163 NSC-74LVX163 Datasheet
138Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
logo
Fairchild Semiconductor
74LVX163 FAIRCHILD-74LVX163 Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
74ACT11867 TI1-74ACT11867_13 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com