Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC221ASJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC221ASJ
Description  Dual Non-Retriggerable Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC221ASJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC221ASJ Datasheet HTML 1Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 2Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 3Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 4Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 5Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 6Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 7Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 8Page - Fairchild Semiconductor MM74HC221ASJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2004 Fairchild Semiconductor Corporation
DS005325
www.fairchildsemi.com
September 1983
Revised January 2004
MM74HC221A
Dual Non-Retriggerable Monostable Multivibrator
General Description
The MM74HC221A high speed monostable multivibrators
(one shots) utilize advanced silicon-gate CMOS technol-
ogy. They feature speeds comparable to low power Schot-
tky TTL circuitry while retaining the low power and high
noise immunity characteristic of CMOS circuits.
Each multivibrator features both a negative, A, and a posi-
tive, B, transition triggered input, either of which can be
used as an inhibit input. Also included is a clear input that
when taken low resets the one shot. The MM74HC221A
can be triggered on the positive transition of the clear while
A is held LOW and B is held HIGH.
The MM74HC221A is a non-retriggerable, and therefore
cannot be retriggered until the output pulse times out.
Pulse width stability over a wide range of temperature and
supply is achieved using linear CMOS techniques. The out-
put pulse equation is simply: PW
= (R
EXT) (CEXT); where
PW is in seconds, R is in ohms, and C is in farads. All
inputs are protected from damage due to static discharge
by diodes to VCC and ground.
Features
s Typical propagation delay: 40 ns
s Wide power supply range: 2V–6V
s Low quiescent current: 80
µA maximum (74HC Series)
s Low input current: 1
µA maximum
s Fanout of 10 LS-TTL loads
s Simple pulse width formula T
= RC
s Wide pulse range: 400 ns to
∞ (typ)
s Part to part variation:
±5% (typ)
s Schmitt Trigger A & B inputs enable infinite signal input
rise or fall times
Ordering Code:
Note 1: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Top View
Timing Component
Note: Pin 6 and Pin 14 must be hard-wired to GND.
Order Number
Package Number
Package Description
MM74HC221AM
(Note 1)
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC221ASJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC221AN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - MM74HC221ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC221ASJ FAIRCHILD-MM74HC221ASJ Datasheet
108Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
More results

Similar Description - MM74HC221ASJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC221AMX FAIRCHILD-74VHC221AMX Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221A FAIRCHILD-74VHC221A_07 Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221A FAIRCHILD-74VHC221A Datasheet
100Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A Datasheet
108Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com