Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC273N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC273N
Description  Octal D-Type Flip-Flops with Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC273N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC273N Datasheet HTML 1Page - Fairchild Semiconductor MM74HC273N Datasheet HTML 2Page - Fairchild Semiconductor MM74HC273N Datasheet HTML 3Page - Fairchild Semiconductor MM74HC273N Datasheet HTML 4Page - Fairchild Semiconductor MM74HC273N Datasheet HTML 5Page - Fairchild Semiconductor MM74HC273N Datasheet HTML 6Page - Fairchild Semiconductor MM74HC273N Datasheet HTML 7Page - Fairchild Semiconductor MM74HC273N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005331
www.fairchildsemi.com
September 1983
Revised May 2005
MM74HC273
Octal D-Type Flip-Flops with Clear
General Description
The MM74HC273 edge triggered flip-flops utilize advanced
silicon-gate CMOS technology to implement D-type flip-
flops. They possess high noise immunity, low power, and
speeds comparable to low power Schottky TTL circuits.
This device contains 8 master-slave flip-flops with a com-
mon clock and common clear. Data on the D input having
the specified setup and hold times is transferred to the Q
output on the LOW-to-HIGH transition of the CLOCK input.
The CLEAR input when LOW, sets all outputs to a low
state.
Each output can drive 10 low power Schottky TTL equiva-
lent loads. The MM74HC273 is functionally as well as pin
compatible to the 74LS273. All inputs are protected from
damage due to static discharge by diodes to VCC and
ground.
Features
s Typical propagation delay: 18 ns
s Wide operating voltage range
s Low input current: 1
PA maximum
s Low quiescent current: 80
PA (74 Series)
s Output drive: 10 LS-TTL loads
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Top View
Order Number
Package Number
Package Description
MM74HC273WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74HC273SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC273MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC273N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - MM74HC273N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC273N FAIRCHILD-MM74HC273N Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
ON Semiconductor
MM74HC273N ONSEMI-MM74HC273N Datasheet
214Kb / 10P
   Octal D-Type Flip-Flops with Clear
Revised May 2005
More results

Similar Description - MM74HC273N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com