Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8516T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA8516T
Description  Stand-alone OSD
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8516T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA8516T Datasheet HTML 5Page - NXP Semiconductors PCA8516T Datasheet HTML 6Page - NXP Semiconductors PCA8516T Datasheet HTML 7Page - NXP Semiconductors PCA8516T Datasheet HTML 8Page - NXP Semiconductors PCA8516T Datasheet HTML 9Page - NXP Semiconductors PCA8516T Datasheet HTML 10Page - NXP Semiconductors PCA8516T Datasheet HTML 11Page - NXP Semiconductors PCA8516T Datasheet HTML 12Page - NXP Semiconductors PCA8516T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
1995 Mar 30
9
Philips Semiconductors
Preliminary specification
Stand-alone OSD
PCA8516
7
CHARACTER FONTS
256 character fonts may be held in ROM; 253 customer
selected fonts and three reserved character font codes.
Customer selected fonts are mask programmable. Each
character font is stored in a 12
× 19 dot matrix, as shown
in Fig.5. Elements in Rows 1 to 18 can be selected as
visible dots on the screen; Row 0 is used only for the
combination of two characters in a vertical direction, when
the North-West shadowing mode is selected (see
Sections 9.9 and 10.2). Extremely high resolution can be
achieved by having no spacing between characters on the
same line and by programming the inter-line spacing to
zero. The 12
× 18 dot matrix is suitable for the display of
semigraphic patterns, Kanji, Hiragana, Katagana or even
Chinese characters.
7.1
Character font address map
Figure 6 shows the character font address map in ROM
and RAM. Addresses FFH and FEH hold the reserved
codes for space and carriage return functions respectively;
address FDH is reserved for testing purposes and
addresses (00H to FCH) contain the character font codes.
7.2
Character font ROM
ROM is divided into two parts: ROM1 and ROM2. The
organization of the bit patterns stored in ROM1 and ROM2
is shown in Fig.7.
The file format to submit to Philips for customized
character sets is also shown in Fig.7. The following points
should be noted:
1. Row 0 of each font is reserved for vertical combination
of two fonts.
2. When two font cells are combined in a vertical
direction Row 0 of the lower font must contain the
same bit pattern as held in Row 18 of the character
above it.
3. Binary 1 denotes visual dots; binary 0 denotes a blank
space.
4. ROM1 and ROM2 data files are in INTEL hex format
on a byte basis. Each byte is structured High nibble
followed by Low nibble.
5. The remaining unused 16 bytes (one character font) in
ROM1/ROM2 must be filled with FFH.
6. CS denotes Checksum.
A software package (OSDGEM) that assists in the design
of character fonts on-screen and that also automatically
generates the bit pattern HEX files, is available on request.
The package is run under the MS-DOS environment for
IBM compatible PCs.
Fig.5 Character dot matrix organization.
0
1
2
3
4
5
6
7
8
9
10
11
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
MLC350
Fig.6 ROM address map.
0
253 (FDH)
254 (FEH)
255 (FFH)
Mask Programmable Font
Carriage return code
Space code
reserved code
MLB344
Test code
252 (FCH)


Similar Part No. - PCA8516T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA85162 NXP-PCA85162 Datasheet
403Kb / 46P
   Universal LCD driver for low multiplex rates
Rev. 2-16 June 2011
PCA85162 NXP-PCA85162 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA85162 NXP-PCA85162 Datasheet
651Kb / 51P
   32 x 4 automotive LCD driver for low multiplex rates
Rev. 4.2 - 23 October 2023
PCA85162T-Q900-1 NXP-PCA85162T-Q900-1 Datasheet
403Kb / 46P
   Universal LCD driver for low multiplex rates
Rev. 2-16 June 2011
PCA85162T/Q900/1 NXP-PCA85162T/Q900/1 Datasheet
651Kb / 51P
   32 x 4 automotive LCD driver for low multiplex rates
Rev. 4.2 - 23 October 2023
More results

Similar Description - PCA8516T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
   Stand-alone OSD
1995 Nov 27
PCA8515 PHILIPS-PCA8515 Datasheet
405Kb / 64P
   Stand-alone OSD
1995 Jan 19
logo
Samsung semiconductor
S5D2510 SAMSUNG-S5D2510 Datasheet
267Kb / 32P
   stand-alone OSD Processor
logo
NXP Semiconductors
PCB8517 PHILIPS-PCB8517 Datasheet
740Kb / 24P
   Stand-alone OSD for monitor applications
1997 Mar 03
logo
VTI technologies
SCA121T VTI-SCA121T Datasheet
186Kb / 2P
   Stand Alone Inclinometer
logo
Altera Corporation
EPS448 ALTERA-EPS448 Datasheet
1Mb / 17P
   STAND-ALONE MICROSEQUENCER
logo
ATMEL Corporation
AT89STK-11 ATMEL-AT89STK-11 Datasheet
874Kb / 23P
   Stand-alone Board
logo
VTI technologies
SCA111T VTI-SCA111T Datasheet
212Kb / 2P
   Stand Alone Inclinometer
SCA115T VTI-SCA115T Datasheet
297Kb / 2P
   Stand Alone Inclinometer
logo
ATMEL Corporation
AT89SND2CMP3B ATMEL-AT89SND2CMP3B_14 Datasheet
2Mb / 242P
   Stand-alone MP3 Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com